Electronic Components Datasheet Search
  English  ▼

X  

PR-12 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PR-12
Description  RTD Probe with Cast Iron Protection Head
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PR-12 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PR-12 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
UNRESTRICTED
PR-12-Series
________________________________________________________________________
RTD Probe with Cast Iron Protection Head
Our PR-12 series probe with chemical-resistant cast iron protection head
and screw-on cap includes PT100 Ω platinum RTD element or PT1000
RTD element, 1/2" NPT mounting threads and sheath of 316 stainless
steel. When properly sized, these can go directly into and bottom out in a
thermowell. All probes include a screw terminal block for easy connection of
insulated copper extension wire. Using our probe configurator, replacement
probes (without head assembly) are available as well as a "spring-loading"
option which allows for the probe to bottom out in a thermowell for quicker
and more accurate response. Applications for this probe include installation
into large vessels and tanks, as well as large pipes for temperature
monitoring.
Features
Class A accuracy, conforming to IEC 60751
Low temperature range: -50 to 250°C (-58 to 482°F)
High temperature range: -50 to 450°C (-58 to 842°F)
Extreme temperature range: -200 to 600°C (-328 to 1112°F)
Standard probe lengths of 2, 3, 4, 6, 9, 12, 18, and 24”
Resistance value: PT100 Ω or PT1000 Ω
Cast iron head with screw-on cap
Choice of PT100 and PT1000 Ω element
IP67 Ingress Protection
Specifications
Model
PR-12L (Low)
PR-12H (High)
PR-12E (Extreme)
Process Temperature
Range
-50 to 250°C
(-58 to 482°F)
-50 to 450°C
(-58 to 842°F)
-200 to 600°C
(-328 to 1112°F)
Accuracy
Class A
Class A
Class A from -100 to 450°C
(-148 to 842°F); or else Class B
Nominal Resistance and
Curve
100 Ω and 1000 Ω at 0°C standard;
TCR = 0.00385 Ω/Ω/°C standard
Process Connection
1/2” NPT
1/2” NPT
1/2” NPT
Dimensions
Diameters: 1/8, 3/16 and 1/4 inch.
Standard probe length of 2, 3, 4, 6, 12, 18 and 24 inch.
Other lengths may be built using our configurator.
Ingress Protection
IP67
IP67
IP67
Response time T90 (s)
1/8” 0.75 sec
3/16” 0.975 sec
1/4” 1.2 sec
1/8” 1.00 sec
3/16” 1.55 sec
1/4” 2.10 sec
1/8” 1.5 sec
3/16” 1.95 sec
1/4” 2.4 sec
Vibration
IEC 60068-2-6; 5 to 2000 Hz sweep rate, one active per minute;
number of sweep cycles 10 and acceleration 5g (15 probes tested together)
Duration: 1 day
Shock
IEC 60068-2-27; 50g/11ms (15 probes tested together) Duration: 1 day


Similar Part No. - PR-12

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
PR-1 SYSTEMSENSOR-PR-1 Datasheet
273Kb / 2P
Multi-Voltage Conventional Relays
logo
List of Unclassifed Man...
PR-10 ETC-PR-10 Datasheet
931Kb / 1P
RTD Probe with Insulated Wire and Shrink-Tube Support
PR-10E ETC-PR-10E Datasheet
931Kb / 1P
RTD Probe with Insulated Wire and Shrink-Tube Support
PR-10H ETC-PR-10H Datasheet
931Kb / 1P
RTD Probe with Insulated Wire and Shrink-Tube Support
PR-10H-3-100-1/4-6. ETC-PR-10H-3-100-1/4-6. Datasheet
931Kb / 1P
RTD Probe with Insulated Wire and Shrink-Tube Support
More results

Similar Description - PR-12

ManufacturerPart #DatasheetDescription
logo
RCD COMPONENTS INC.
PTC150PT-1R00-FB RCD-PTC150PT-1R00-FB Datasheet
32Kb / 1P
PLATINUM, NICKEL, NICKEL IRON RTD?셲 TEMPERATURE RATING UP TO 500째C
logo
Microchip Technology
MCP73123 MICROCHIP-MCP73123_10 Datasheet
591Kb / 34P
Lithium Iron Phosphate (LiFePO4) Battery Charge Management Controller with Input Overvoltage Protection
2010
MCP73123 MICROCHIP-MCP73123_11 Datasheet
568Kb / 34P
Lithium Iron Phosphate (LiFePO4) Battery Charge Management Controller with Input Overvoltage Protection
2011
MCP73123 MICROCHIP-MCP73123_13 Datasheet
1Mb / 28P
Lithium Iron Phosphate (LiFePO4) Battery Charge Management Controller with Input Overvoltage Protection
2009-2013 11/29/12
logo
SHENZHEN FUMAN ELECTRON...
FM2112 FUMAN-FM2112 Datasheet
351Kb / 7P
1 lithium iron phosphate battery protection IC
logo
Shenzhen Huazhimei Semi...
HM5422 HMSEMI-HM5422 Datasheet
1Mb / 16P
2 lithium iron phosphate battery protection IC
logo
List of Unclassifed Man...
G66 ETC1-G66 Datasheet
1Mb / 8P
Ductile Iron pump head
logo
Cyntec Co., Ltd.
CYN-8Y-001 CYNTEC-CYN-8Y-001 Datasheet
1Mb / 7P
SD50114XXX, PT RTD probe sensor
CYN-8Y-002 CYNTEC-CYN-8Y-002 Datasheet
1Mb / 5P
SD10244XXX, PT RTD probe sensor
logo
Shenzhen Huazhimei Semi...
HM5412 HMSEMI-HM5412 Datasheet
1Mb / 11P
1 lithium iron phosphate battery protection IC
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com