Electronic Components Datasheet Search
  English  ▼

X  

74F114 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74F114
Description  Dual J-K negative edge-triggered flip-flop with common clock and reset
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F114 Datasheet(HTML) 1 Page - NXP Semiconductors

  74F114 Datasheet HTML 1Page - NXP Semiconductors 74F114 Datasheet HTML 2Page - NXP Semiconductors 74F114 Datasheet HTML 3Page - NXP Semiconductors 74F114 Datasheet HTML 4Page - NXP Semiconductors 74F114 Datasheet HTML 5Page - NXP Semiconductors 74F114 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Philips Semiconductors
Product specification
74F114
Dual J-K negative edge-triggered flip-flop
with common clock and reset
1
1996 Mar 14
853–0340 16572
DESCRIPTION
The 74F114, Dual Negative edge-triggered JK-Type Flip-Flop with
common clock and reset inputs, features individual J, K, Clock (CP),
Set (SD) and Reset (RD) inputs, true and complementary outputs.
The SD and RD inputs, when Low, set or reset the outputs as shown
in the Function Table regardless of the level at the other inputs.
A High level on the clock (CP) input enables the J and K inputs and
data will be accepted. The logic levels and data will be accepted.
The logic levels at the J and K inputs may be allowed to change
while the CP is High and flip-flop will perform according to the
Function Table as long as minimum setup and hold times are
observed. Output changes are initiated by the High-to-Low transition
of the CP.
TYPE
TYPICAL fMAX
TYPICAL
SUPPLY CURRENT
(TOTAL)
74F114
100MHz
15mA
PIN CONFIGURATION
14
13
12
11
10
9
8
7
6
5
4
3
2
1
GND
VCC
SD1
Q1
Q1
J1
CP
K1
RD
K0
Q0
J0
SD0
Q0
SF00110
ORDERING INFORMATION
DESCRIPTION
COMMERCIAL RANGE
VCC = 5V ±10%,
Tamb = 0°C to +70°C
PKG. DWG. #
14-pin plastic DIP
N74F114N
SOT27-1
14-pin plastic SO
N74F114D
SOT108-1
INPUT AND OUTPUT LOADING AND FAN-OUT TABLE
PINS
DESCRIPTION
74F (U.L.) HIGH/LOW
LOAD VALUE HIGH/LOW
J0, J1
J inputs
1.0/1.0
20
µA/0.6mA
K0, K1
K inputs
1.0/1.0
20
µA/0.6mA
SD0, SD1
Set inputs (active Low)
1.0/5.0
20
µA/3.0mA
RD
Reset input (active Low)
1.0/10.0
20
µA/6.0mA
CP
Clock Pulse input (active falling edge)
1.0/8.0
20
µA/4.8mA
Q0, Q0; Q1, Q1
Data outputs
50/33
1.0mA/20mA
NOTE: One (1.0) FAST unit load is defined as: 20
µA in the High state and 0.6mA in the Low state.
LOGIC SYMBOL
Q0
Q0
Q1
Q1
56
98
VCC = Pin 14
GND = Pin 7
13
4
1
10
CP
SD0
RD0
SD1
J1
K0
212
SF00111
K1
J0
311
IEC/IEEE SYMBOL
SF00112
4
3
2
9
8
S
1K
1J
1
R
13
C1
10
11
12
5
6


Similar Part No. - 74F114

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F114 FAIRCHILD-74F114 Datasheet
55Kb / 6P
Dual JK Negative Edge-Triggered Flip-Flop with Common Clocks and Clears
74F114PC FAIRCHILD-74F114PC Datasheet
55Kb / 6P
Dual JK Negative Edge-Triggered Flip-Flop with Common Clocks and Clears
74F114SC FAIRCHILD-74F114SC Datasheet
55Kb / 6P
Dual JK Negative Edge-Triggered Flip-Flop with Common Clocks and Clears
More results

Similar Description - 74F114

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALS112A PHILIPS-74ALS112A Datasheet
92Kb / 10P
Dual J-K negative edge-triggered flip-flop
1991 Feb 08
74F112 PHILIPS-74F112 Datasheet
83Kb / 10P
Dual J-K negative edge-triggered flip-flop
1990 Feb 09
logo
Texas Instruments
SN54LS114A TI-SN54LS114A Datasheet
240Kb / 8P
DUAL J-K NEGATIVE-EDGE-TRIGGERED FLIP-FLOPS WITH PRESET, COMMON CLEAR, AND COMMON CLOCK
logo
Hitachi Semiconductor
HD74LS114 HITACHI-HD74LS114 Datasheet
77Kb / 7P
Dual J-K Negative-edge-triggered Flip-Flops(with Preset, Common Clear and Common Clock)
logo
Texas Instruments
SN74HC114 TI-SN74HC114 Datasheet
188Kb / 4P
DUAL J-K NEGATIVE-EDGE-TRIGGERED FLIP-FLOPS WITH PRESET, COMMON CLEAR, AND COMMON CLOCK
logo
Mitsubishi Electric Sem...
M74LS73AP MITSUBISHI-M74LS73AP Datasheet
220Kb / 4P
DUAL J-K NEGATIVE EDGE-TRIGGERED FLIP FLOP WITH RESET
logo
Texas Instruments
CD54HC73 TI-CD54HC73_08 Datasheet
452Kb / 15P
Dual J-K Flip-Flop with Reset Negative-Edge Trigger
SN54ALS114A TI1-SN54ALS114A Datasheet
75Kb / 4P
DUAL J-K NEGATIVE-EDGE-TRIGGERED FLIP-FLOPS WITH PRESET, COMMON CLEAR AND COMMON CLOCK
SN74F112NSR TI1-SN74F112NSR Datasheet
627Kb / 13P
DUAL NEGATIVE-EDGE-TRIGGERED J-K FLIP-FLOP
logo
Mitsubishi Electric Sem...
M74LS76AP MITSUBISHI-M74LS76AP Datasheet
231Kb / 4P
DUAL J-K NEGATIVE EDGE-TRIGGERED FLIP FLOP WITH SET AND RESET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com