Electronic Components Datasheet Search
  English  ▼

X  

PE201-60/5 Datasheet(PDF) 2 Page - Tyco Electronics

Part # PE201-60/5
Description  PE Range Moulded Case Current Transformers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

PE201-60/5 Datasheet(HTML) 2 Page - Tyco Electronics

  PE201-60/5 Datasheet HTML 1Page - Tyco Electronics PE201-60/5 Datasheet HTML 2Page - Tyco Electronics PE201-60/5 Datasheet HTML 3Page - Tyco Electronics PE201-60/5 Datasheet HTML 4Page - Tyco Electronics PE201-60/5 Datasheet HTML 5Page - Tyco Electronics PE201-60/5 Datasheet HTML 6Page - Tyco Electronics PE201-60/5 Datasheet HTML 7Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Moulded Case Measuring Current Transformers
1
PE Range Moulded Case Current Transformers
An extensive range of high quality current transformers offering comprehensive
measuring class accuracies. The PE range provides accurate measurement of high
primary currents, converting to a 5 Amp secondary current, proportional to the
primary current. To suit the requirements of most applications, the range offers a
wide selection of system current ratings, busbar sizes, case widths and apertures.
General Specification
System Voltage:
720V maximum
Test Voltage:
3kV for 1 minute
System Frequency:
50Hz or 60Hz.
Primary Ratings:
From 5A to 4000A
Secondary Outputs:
5A is standard
Short Circuit Thermal:
3kA for 1 second
Overload Withstand:
1.2 times rated current continuously
Rated Dynamic Current
7.5kA for 1 second
Saturation Coefficient:
<6
Insulation Class BS2757 IEC85: Class E
Secondary Terminals:
M5 screw clamps
Operating Temperature:
-20°C to +70°C
Humidity:
Up to 95% RH (non condensing)
Enclosure:
Flame retardant glass filled ABS
Compliant With:
VDE404 and IEC185
Mounting Hardware:
Feet and busbar screws
Features
High Quality
Comprehensive Measuring Class
Accuracies
Wide Range of System Current Ratings,
and Case Widths
Aperture Sizes to Suit Industry Standard
Cable and Busbar Dimensions
Wire Sealable Terminal Covers
Feet and Busbar Mounting Options
Benefits
Reduction of High Currents for Ease
of Metering
Accuracy up to Class 0.5
Isolated Output for Safety
Long Product Life
Applications
Switchgear
Distribution Systems
Generator Sets
Control Panels
Overload Protection
Control Devices
Mounting with
Bracket
Mounting on
Bus Bars
Sealable
Cap



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com