Electronic Components Datasheet Search
  English  ▼

X  

PDEB2594P Datasheet(PDF) 2 Page - Potens Semiconductor Corp.

Part # PDEB2594P
Description  20V Dual N-Channel MOSFETs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POTENS [Potens Semiconductor Corp.]
Direct Link  http://potens-semi.com/en/
Logo POTENS - Potens Semiconductor Corp.

PDEB2594P Datasheet(HTML) 2 Page - Potens Semiconductor Corp.

  PDEB2594P Datasheet HTML 1Page - Potens Semiconductor Corp. PDEB2594P Datasheet HTML 2Page - Potens Semiconductor Corp. PDEB2594P Datasheet HTML 3Page - Potens Semiconductor Corp. PDEB2594P Datasheet HTML 4Page - Potens Semiconductor Corp. PDEB2594P Datasheet HTML 5Page - Potens Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Potens semiconductor corp.
Ver.1.02
2
PDEB2594P
20V Dual N-Channel MOSFETs
Symbol
Parameter
Typ.
Max.
Unit
RθJA
Thermal Resistance Junction to ambient
---
62
℃/W
RθJC
Thermal Resistance Junction to case
---
4.55
℃/W
Off Characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
BVDSS
Drain-Source Breakdown Voltage
VGS=0V , ID=250µA
20
---
---
V
IDSS
Drain-Source Leakage Current
VDS=20V , VGS=0V , TJ=25℃
---
---
1
µA
VDS=16V , VGS=0V , TJ=85℃
---
---
10
µA
IGSS
Gate-Source Leakage Current
VGS=±12V , VDS=0V
---
---
±20
µA
On Characteristics
RDS(ON)
Static Drain-Source On-Resistance3
VGS=4.5V , ID=2.4A
6.0
6.7
8
m
VGS=4.0V , ID=2.4A
6.0
7.1
8.5
m
VGS=3.7V , ID=2.4A
6.5
7.3
9
m
VGS=3.1V , ID=2.4A
7.0
8
10.5
m
VGS=2.5V , ID=2.4A
8.0
9.2
12
m
VGS(th)
Gate Threshold Voltage
VGS=VDS , ID =250µA
0.5
0.65
1.5
V
gfs
Forward Transconductance
VDS=5V , ID=5A
---
15
---
S
Dynamic and switching Characteristics
Qg
Total Gate Charge2,3
VDS=20V , VGS=4.5V , ID=5A
---
13.8
---
nC
Qgs
Gate-Source Charge2,3
---
2.1
---
Qgd
Gate-Drain Charge2,3
---
4.5
---
Td(on)
Turn-On Delay Time2,3
VDD=15V , VGS=10V , RG=6
ID=5A
---
28
---
ns
Tr
Rise Time2,3
---
64
---
Td(off)
Turn-Off Delay Time2,3
---
60
---
Tf
Fall Time2,3
---
55
---
Ciss
Input Capacitance
VDS=20V , VGS=0V , F=1MHz
---
1514
---
pF
Coss
Output Capacitance
---
178
---
Crss
Reverse Transfer Capacitance
---
145
---
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
IS
Continuous Source Current
VG=VD=0V , Force Current
---
---
24
A
ISM
Pulsed Source Current
---
---
48
A
VSD
Diode Forward Voltage
VGS=0V , IS=1A , TJ=25℃
---
---
1
V
Note :
1.
Repetitive Rating : Pulsed width limited by maximum junction temperature.
2.
The data tested by pulsed , pulse width ≦ 300µs , duty cycle ≦ 2%.
3.
Essentially independent of operating temperature.
Thermal Characteristics
Electrical Characteristics (T
J=25 ℃, unless otherwise noted)
Drain-Source Diode Characteristics and Maximum Ratings



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com