Electronic Components Datasheet Search
  English  ▼

X  

PDEC09F0BZ Datasheet(PDF) 4 Page - Potens Semiconductor Corp.

Part # PDEC09F0BZ
Description  100V N-Channel MOSFETs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POTENS [Potens Semiconductor Corp.]
Direct Link  http://potens-semi.com/en/
Logo POTENS - Potens Semiconductor Corp.

PDEC09F0BZ Datasheet(HTML) 4 Page - Potens Semiconductor Corp.

  PDEC09F0BZ Datasheet HTML 1Page - Potens Semiconductor Corp. PDEC09F0BZ Datasheet HTML 2Page - Potens Semiconductor Corp. PDEC09F0BZ Datasheet HTML 3Page - Potens Semiconductor Corp. PDEC09F0BZ Datasheet HTML 4Page - Potens Semiconductor Corp. PDEC09F0BZ Datasheet HTML 5Page - Potens Semiconductor Corp. PDEC09F0BZ Datasheet HTML 6Page - Potens Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Potens semiconductor corp.
Ver.1.00
4
PDEC09F0BZ
100V N-Channel MOSFETs
Fig.10 Maximum Safe Operation Area
Fig.11 Switching Time Waveform
Fig.8 Gate Charge Characteristics
Fig.12 Gate Charge Waveform
1
10
100
1000
0.1
1
10
100
Ciss
Coss
Crss
0.01
0.1
1
10
100
0.1
1
10
100
TC=25℃
DC
100ms
10ms
100µs
10µs
1ms
VGS
10V /
4.5V
Qg
Qgd
Qgs
Gate Charge
0
2
4
6
8
10
0
2
4
6
8
ID=7A
VDS=50V
Td(on)
Tr
Ton
Td(off)
Tf
Toff
VDS
VGS
90%
10%
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
NOTES:
DUTY FACTOR: D = t1/t2
SINGLE PULSE
0.5
0.2
0.1
0.05
0.02
0.01
VDS , Drain to Source Voltage (V)
Qg , Gate Charge (nC)
Fig.9 Normalized Transient Impedance
Square Wave Pulse Duration (s)
VDS , Drain to Source Voltage (V)
Fig.7 Capacitance Characteristics



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com