Electronic Components Datasheet Search
  English  ▼

X  

PDEC2310Z Datasheet(PDF) 2 Page - Potens Semiconductor Corp.

Part # PDEC2310Z
Description  20V N-Channel MOSFETs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POTENS [Potens Semiconductor Corp.]
Direct Link  http://potens-semi.com/en/
Logo POTENS - Potens Semiconductor Corp.

PDEC2310Z Datasheet(HTML) 2 Page - Potens Semiconductor Corp.

  PDEC2310Z Datasheet HTML 1Page - Potens Semiconductor Corp. PDEC2310Z Datasheet HTML 2Page - Potens Semiconductor Corp. PDEC2310Z Datasheet HTML 3Page - Potens Semiconductor Corp. PDEC2310Z Datasheet HTML 4Page - Potens Semiconductor Corp. PDEC2310Z Datasheet HTML 5Page - Potens Semiconductor Corp. PDEC2310Z Datasheet HTML 6Page - Potens Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Potens semiconductor corp.
Ver.1.02
2
PDEC2310Z
V
20V N-Channel MOSFETs
Off Characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
BVDSS
Drain-Source Breakdown Voltage
VGS=0V , ID=250µA
20
---
---
V
△BVDSS/△TJ BVDSS Temperature Coefficient
Reference to 25
℃ , ID=1mA
---
0.02
---
V/
℃
IDSS
Drain-Source Leakage Current
VDS=20V , VGS=0V , TJ=25
℃
---
---
1
µA
VDS=16V , VGS=0V , TJ=125
℃
---
---
10
µA
IGSS
Gate-Source Leakage Current
VGS=
±10V , VDS=0V
---
---
±10
µA
On Characteristics
RDS(ON)
Static Drain-Source On-Resistance
VGS=4.5V , ID=5A
---
8
10
m
VGS=2.5V , ID=3A
---
9.5
12
m
VGS=1.8V , ID=2A
---
12
17
m
VGS(th)
Gate Threshold Voltage
VGS=VDS , ID =250µA
0.3
0.6
1
V
△VGS(th)
VGS(th) Temperature Coefficient
---
-2
---
mV/
℃
gfs
Forward Transconductance
VDS=10V , IS=5A
---
12
---
S
Dynamic and switching Characteristics
Qg
Total Gate Charge2 , 3
VDS=10V , VGS=4.5V , ID=5A
---
16.9
26
nC
Qgs
Gate-Source Charge2 , 3
---
1.1
3
Qgd
Gate-Drain Charge2 , 3
---
4
7
Td(on)
Turn-On Delay Time2 , 3
VDD=10V , VGS=4.5V , RG=25
ID=1A
---
6.8
13
ns
Tr
Rise Time2 , 3
---
20
38
Td(off)
Turn-Off Delay Time2 , 3
---
41.8
79
Tf
Fall Time2 , 3
---
13.2
25
Ciss
Input Capacitance
VDS=10V , VGS=0V , F=1MHz
---
1020
1480
pF
Coss
Output Capacitance
---
160
240
Crss
Reverse Transfer Capacitance
---
110
160
Rg
Gate resistance
VGS=0V, VDS=0V, F=1MHz
---
2
4
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
IS
Continuous Source Current
VG=VD=0V , Force Current
---
---
30
A
ISM
Pulsed Source Current
---
---
60
A
VSD
Diode Forward Voltage
VGS=0V , IS=1A , TJ=25
℃
---
---
1
V
Note :
1.
Repetitive Rating : Pulsed width limited by maximum junction temperature.
2.
The data tested by pulsed , pulse width ≦ 300µs , duty cycle ≦ 2%.
3.
Essentially independent of operating temperature.
Electrical Characteristics (T
J=25
℃, unless otherwise noted)
Drain-Source Diode Characteristics and Maximum Ratings



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com