Electronic Components Datasheet Search
  English  ▼

X  

74VHC174 Datasheet(PDF) 5 Page - STMicroelectronics

Part # 74VHC174
Description  HEX D-TYPE FLIP FLOP WITH CLEAR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VHC174 Datasheet(HTML) 5 Page - STMicroelectronics

  74VHC174 Datasheet HTML 1Page - STMicroelectronics 74VHC174 Datasheet HTML 2Page - STMicroelectronics 74VHC174 Datasheet HTML 3Page - STMicroelectronics 74VHC174 Datasheet HTML 4Page - STMicroelectronics 74VHC174 Datasheet HTML 5Page - STMicroelectronics 74VHC174 Datasheet HTML 6Page - STMicroelectronics 74VHC174 Datasheet HTML 7Page - STMicroelectronics 74VHC174 Datasheet HTML 8Page - STMicroelectronics 74VHC174 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
74VHC174
5/14
Table 7: AC Electrical Characteristics (Input tr = tf = 3ns)
(*) Voltage range is 3.3V
± 0.3V
(**) Voltage range is 5.0V
± 0.5V
Table 8: Capacitive Characteristics
1) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without
load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC/6 (per
Flip-Flop)
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
CL
(pF)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tPLH
tPHL
Propagation Delay
Time
CLOCK to Q
3.3(*)
15
5.8
11.0
1.0
13.0
1.0
13.0
ns
3.3(*)
50
7.5
14.5
1.0
16.5
1.0
16.5
5.0(**)
15
4.1
7.2
1.0
8.5
1.0
8.5
5.0(**)
50
5.5
9.2
1.0
10.5
1.0
10.5
tPHL
Propagation Delay
Time
CLEAR to Q
3.3(*)
15
7.4
11.4
1.0
13.5
1.0
13.5
ns
3.3(*)
50
9.9
14.9
1.0
17.0
1.0
17.0
5.0(**)
15
5.1
7.6
1.0
9.0
1.0
9.0
5.0(**)
50
6.6
9.6
1.0
11.0
1.0
11.0
tW
CLEAR Pulse
Width LOW
3.3(*)
5.0
5.0
5.0
ns
5.0(**)
5.0
5.0
5.0
tW
CLEAR Pulse
Width HIGH or
LOW
3.3(*)
5.0
5.0
5.0
ns
5.0(**)
5.0
5.0
5.0
ts
Setup Time D to
CLOCK, HIGH or
LOW
3.3(*)
5.0
6.0
6.0
ns
5.0(**)
4.5
4.5
4.5
th
Hold Time D to
CLOCK, HIGH or
LOW
3.3(*)
0.0
0.0
0.0
ns
5.0(**)
0.5
0.5
0.5
tREM
Recovery Time
CLEAR to CLOCK
3.3(*)
3.0
3.0
3.0
ns
5.0(**)
2.5
2.5
2.5
fMAX
Maximum Clock
Frequency
3.3(*)
15
95
150
80
80
MHz
3.3(*)
50
55
85
50
50
5.0(**)
15
130
175
110
110
5.0(**)
50
90
120
80
80
Symbol
Parameter
Test Condition
Value
Unit
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
CIN
Input Capacitance
610
10
10
pF
CPD
Power Dissipation
Capacitance
(note 1)
15
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com