Electronic Components Datasheet Search
  English  ▼

X  

MBR1050 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # MBR1050
Description  Schottky Rectifier Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MBR1050 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  MBR1050 Datasheet HTML 1Page - Inchange Semiconductor Company Limited MBR1050 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Schottky Rectifier Diode
MBR1050
www.iscsemi.com
1
FEATURES
· Low Forward Voltage Drop, High Current Capacity
· Low Power Loss, High Efficiency
· High Surge Capability
APPLICATIONS
· Free Wheeling Diode
· High Frequency Inverters
· Polarlity Protection
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
VRWM
VR
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
50
V
IF(AV)
Average Rectified Forward Current
10
A
IFSM
Non-repetitive Peak Surge Current
(8.3ms Single Half-Sine Wave)
150
A
TJ
Junction Temperature
-65~150
℃
Tstg
Storage Temperature Range
-65~175
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
TYP
UNIT
Rth j-l
Thermal Resistance,Junction to Lead
2.0
℃
/W
TO-220C Package
3
1
2


Similar Part No. - MBR1050

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MBR1050 FAIRCHILD-MBR1050 Datasheet
46Kb / 3P
10 Ampere Schottky Barrier Rectifiers
logo
Diodes Incorporated
MBR1050 DIODES-MBR1050 Datasheet
56Kb / 2P
10A SCHOTTKY BARRIER RECTIFIER
DS23009 Rev. G-2
logo
General Semiconductor
MBR1050 GE-MBR1050 Datasheet
66Kb / 2P
SCHOTTKY RECTIFIER
logo
Taiwan Semiconductor Co...
MBR1050 TSC-MBR1050 Datasheet
56Kb / 2P
10.0 AMPS. Schottky Barrier Rectifiers
logo
GOOD-ARK Electronics
MBR1050 GOOD-ARK-MBR1050 Datasheet
255Kb / 3P
Schottky Barrier Rectifiers
More results

Similar Description - MBR1050

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MBR0530 UTC-MBR0530 Datasheet
82Kb / 3P
SCHOTTKY RECTIFIER DIODE
MBR0540 UTC-MBR0540 Datasheet
83Kb / 3P
SCHOTTKY RECTIFIER DIODE
logo
List of Unclassifed Man...
MS503 ETC2-MS503 Datasheet
232Kb / 3P
Schottky Rectifier Diode
logo
Seme LAB
1N5819D2A SEME-LAB-1N5819D2A Datasheet
194Kb / 4P
SCHOTTKY RECTIFIER DIODE
logo
Infineon Technologies A...
BAS3020B INFINEON-BAS3020B Datasheet
131Kb / 7P
Schottky Rectifier Diode
2007-12-14
logo
Seme LAB
1N5819CSM4 SEME-LAB-1N5819CSM4_09 Datasheet
117Kb / 3P
SCHOTTKY RECTIFIER DIODE
logo
Shanghai Shunye Electro...
25SQ045 SHUNYE-25SQ045 Datasheet
395Kb / 2P
SCHOTTKY RECTIFIER DIODE
logo
TT Electronics.
1N5806D2 TTELEC-1N5806D2 Datasheet
461Kb / 4P
SCHOTTKY RECTIFIER DIODE
1N5819CSM4 TTELEC-1N5819CSM4 Datasheet
117Kb / 3P
SCHOTTKY RECTIFIER DIODE
logo
Inchange Semiconductor ...
STPS160H100TV ISC-STPS160H100TV Datasheet
550Kb / 3P
Schottky Rectifier Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com