Electronic Components Datasheet Search
  English  ▼

X  

147 Datasheet(PDF) 1 Page - Keystone Electronics Corp.

Part # 147
Description  INTERCONNECT BATTERY HOLDERS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSTONE [Keystone Electronics Corp.]
Direct Link  https://www.keyelco.com/index.cfm
Logo KEYSTONE - Keystone Electronics Corp.

147 Datasheet(HTML) 1 Page - Keystone Electronics Corp.

  147 Datasheet HTML 1Page - Keystone Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BATTERY CROSS REFERENCE
Features pre-connected jumper strap insulated from the
Aluminum base. Batteries held in series circuit without
need of additional wiring.
For printed circuitry we have standardized our most
popular holders with PC Lugs. Choice of single or
multiple holders “AA” assembled with Cat. No. 4002
lug. “C” and “D” assembled with Cat. No. 4003 lug.
1 CELL
ELIMINATES WIRING · LABOR SAVING
ELIMINATES WIRING · LABOR SAVING
ELIMINATES WIRING · LABOR SAVING
3
C
E
4 CELL
For printed circuitry we have standardized our most
popular holders with PC Lugs. Choice of single or mul-
tiple holders “AA” assembled with Cat. No. 4002 lug.
“C” and “D” assembled with Cat. No. 4003 lug.
IEC
ANSI/NEDA
LR6
LR14
LR20
15A
14A
13A
HOLDS
CAT.
NO. OF
NO.
CELLS
146
2
147
3
148
4
149
2
150
3
151
4
“AA” CELL
“C” CELL
L
W
IEC
ANSI/NEDA
2.250 (57.2)
2.250 (57.2)
2.218 (56.3)
2.218 (56.3)
2.687 (68.3)
2.687 (68.3)
_
.625 (15.9)
_
1.000 (25.4)
_
1.312 (33.3)
LR6
LR14
LR20
15A
14A
13A
2222
1
2223
2
2224
1
2225
2
“AA” CELL
“C” CELL
“D” CELL
2226
1
2227
2
BATTERY .531 (13.4)
×
1.906 (48.4)
SIZE
.565 (14.5)
1.988 (50.5)
(
O.D.
L
)
BATTERY .875 (22.2)
×
1.875 (47.6)
SIZE
1.125(28.6)
1.969 (50.0)
(
O.D.
L
)
BATTERY 1.187 (30.1)
×
2.312 (58.7)
SIZE
1.375 (34.9)
2.412 (61.3)
(
O.D.
L
“D” CELL
BATTERY .531 (13.4)
×
1.906 (48.4)
SIZE
.565 (14.5)
1.988 (50.5)
(
O.D.
L
)
BATTERY .875 (22.2)
×
1.875 (47.6)
SIZE
1.125 (28.6)
1.969 (50.0)
(
O.D.
L
)
BATTERY 1.187 (30.1)
×
2.312 (58.7)
SIZE
1.375 (34.9)
2.412 (61.3)
(
O.D.
L
)
)
152
2
153
3
158
4
1 CELL
2 CELL
2 CELL
2 CELL
3 CELL
BATTERY CROSS REFERENCE
MOUNTING HOLE DETAILS
BATTERY CROSS REFERENCE
L
W
IEC
ANSI/NEDA
2.343 (59.5)
2.343 (59.5)
2.625 (66.7)
2.625 (66.7)
_
.750 (19.1)
_
1.187 (30.2)
_
1.562 (39.7)
LR6
LR14
LR20
15A
14A
13A
2228
1
2229
2
2230
1
2231
2
“AA” CELL
“C” CELL
“D” CELL
2232
1
2233
2
BATTERY .531 (13.4)
×
1.906 (48.4)
SIZE
.565 (14.5)
1.988 (50.5)
(
O.D.
L
)
BATTERY .875 (22.2)
×
1.875 (47.6)
SIZE
1.125 (28.6)
1.969 (50.0)
(
O.D.
L
)
BATTERY 1.187 (30.1)
×
2.312 (58.7)
SIZE
1.375 (34.9)
2.412 (61.3)
(
O.D.
L
)
2.203 (56.0)
2.203 (56.0)
ALUMINUM HOLDERS CONNECTED IN SERIES
21
ALUMINUM HOLDERS WITH PC LUGS
STEEL HOLDERS WITH PC LUGS
Mounting Detail
L
.082 [2.1] DIA, TYP
W
Mounting Detail
L
.082 [2.1] DIA, TYP
W
MOUNTING HOLE PATTERN
Energizer, Duracell, Pana-
sonic, Sanyo, Varta, Ray-
ovac, Tadiran
Energizer, Duracell, Pana-
sonic, Sanyo, Varta, Ray-
ovac, Tadiran
Energizer, Duracell, Pana-
sonic, Sanyo, Varta, Ray-
ovac, Tadiran
HOLDS
CAT.
NO. OF
NO.
CELLS
HOLDS
CAT.
NO. OF
NO.
CELLS
Tel (718) 956-8900 • Fax (718) 956-9040
(800) 221-5510 • kec@keyelco.com
www.keyelco.com
31-07 20th Road – Astoria, NY 11105-2017
RoHS COMPLIANT ~ ISO 9001 CERTIFIED
®
M60Section1FRevA4-COLOR 4/4/13 4:28PM Page23


Similar Part No. - 147

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
147 ETC2-147 Datasheet
355Kb / 1P
INTERCONNECT BATTERY HOLDERS
logo
Abbatron All Rights Res...
147 ABBATRON-147 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Adafruit Industries
147 ADAFRUIT-147 Datasheet
299Kb / 1P
Multi-size wire stripper & cutter - 5023
6-27-17
logo
Premier Farnell Limited...
147 7366 DURATOOL-147 7366 Datasheet
34Kb / 2P
HSS Long Series Drills
147-1821 DURATOOL-147-1821 Datasheet
28Kb / 1P
Thread Repair Workshop Kits
More results

Similar Description - 147

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
BH-25 ADAM-TECH-BH-25 Datasheet
155Kb / 1P
BATTERY HOLDERS COIN CELL BATTERY HOLDERS
logo
Elektron Components Ltd...
BX0011 BULGIN-BX0011 Datasheet
95Kb / 1P
BATTERY HOLDERS Panel Mounting
BX0016 BULGIN-BX0016 Datasheet
107Kb / 1P
BATTERY HOLDERS
BX0034 BULGIN-BX0034 Datasheet
462Kb / 7P
Battery Holders
BX0036 BULGIN-BX0036 Datasheet
97Kb / 1P
BATTERY HOLDERS PC/Base Mounting
BX0123 BULGIN-BX0123 Datasheet
92Kb / 1P
BATTERY HOLDERS PC/Base Mounting
logo
List of Unclassifed Man...
146 ETC2-146 Datasheet
355Kb / 1P
INTERCONNECT BATTERY HOLDERS
12BH331C-GR ETC2-12BH331C-GR Datasheet
147Kb / 1P
3 AA Battery Holders
logo
Adam Technologies, Inc.
BH-13-3 ADAM-TECH-BH-13-3 Datasheet
81Kb / 1P
BATTERY HOLDERS
BH-21-3 ADAM-TECH-BH-21-3 Datasheet
85Kb / 1P
BATTERY HOLDERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com