Electronic Components Datasheet Search
  English  ▼

X  

MA5302MS Datasheet(PDF) 44 Page - Infineon Technologies AG

Part # MA5302MS
Description  2x200W Class D Amplifier, with Analog Inputs and Integrated 49.2mΩ RDS(ON) Output Stage
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

MA5302MS Datasheet(HTML) 44 Page - Infineon Technologies AG

Back Button MA5302MS Datasheet HTML 40Page - Infineon Technologies AG MA5302MS Datasheet HTML 41Page - Infineon Technologies AG MA5302MS Datasheet HTML 42Page - Infineon Technologies AG MA5302MS Datasheet HTML 43Page - Infineon Technologies AG MA5302MS Datasheet HTML 44Page - Infineon Technologies AG MA5302MS Datasheet HTML 45Page - Infineon Technologies AG MA5302MS Datasheet HTML 46Page - Infineon Technologies AG MA5302MS Datasheet HTML 47Page - Infineon Technologies AG MA5302MS Datasheet HTML 48Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 64 page
background image
Datasheet
44 of 63
V 2.1
11/2/2023
Integrated Class D Amplifier
MA5342MS
11
Protections
Figure 35 Protection Functional Block Diagram (MA5342MS)
The internal protection control block dictates the operational modes, normal or shutdown, using the input of the
CSD pin. In shutdown mode, the controller IC turns off internal power MOSFETs.
The CSD pin provides five functions.
1. Power up delay timer
2. Self-reset timer
3. Shutdown input
4. Latched protection configuration
5. Shutdown status output (host I/F)
The CSD pin cannot be paralleled with another MA5342MS directly.
The operating statuses of the protection features are shown in Table 2.
Table 11
Events and Actions of CSD and FAULT
Event
CSD
FAULT
UVCC, rising edge
Recycle
L until CSD>Vth1
UVCC, falling edge
n/a
n/a
UVAA, rising edge
n/a
L at VAA<UVAA
UVAA, falling edge
n/a
L at VAA<UVAA
UVBS, rising edge
n/a
n/a
UVBS, falling edge
n/a
n/a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com