Electronic Components Datasheet Search
  English  ▼

X  

AAT3103 Datasheet(PDF) 13 Page - Advanced Analog Technology, Inc.

Part # AAT3103
Description  3-Channel Charge-Pump LED Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT3103 Datasheet(HTML) 13 Page - Advanced Analog Technology, Inc.

Back Button AAT3103 Datasheet HTML 9Page - Advanced Analog Technology, Inc. AAT3103 Datasheet HTML 10Page - Advanced Analog Technology, Inc. AAT3103 Datasheet HTML 11Page - Advanced Analog Technology, Inc. AAT3103 Datasheet HTML 12Page - Advanced Analog Technology, Inc. AAT3103 Datasheet HTML 13Page - Advanced Analog Technology, Inc. AAT3103 Datasheet HTML 14Page - Advanced Analog Technology, Inc. AAT3103 Datasheet HTML 15Page - Advanced Analog Technology, Inc. AAT3103 Datasheet HTML 16Page - Advanced Analog Technology, Inc. AAT3103 Datasheet HTML 17Page - Advanced Analog Technology, Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
AAT3103
3-Channel Charge-Pump LED Driver
ChargePumpTM
PRODUCT DATASHEET
3103.2008.03.1.0
13
www .analogictech.com
Additional Applications
The current sources of the AAT3103 can be combined to
drive higher current levels through a single LED. As an
example, a single LED can be driven at 60mA total by
combining together the D1-D3 outputs as shown in
Figure 6.
For lower-cost applications, the flying capacitor can be
removed. This will force the AAT3103 to operate in 1x
mode. To maintain regulated LED current, the input supply
voltage must be greater than the charge pump’s dropout
voltage and the current source voltage drop in 1x mode.
For example, to power 3.0V VF with 20mA LED current, VIN
should be greater than 4.0V as shown in Figure 7.
Capacitor Selection
Careful selection of the three external capacitors CIN, CP,
and COUT is important because they will affect turn-on
time, output ripple, and transient performance. Optimum
performance will be obtained when low equivalent series
resistance (ESR) ceramic capacitors are used; in general,
low ESR may be defined as less than 100mΩ. A value of
1μF for all three capacitors is a good starting point when
choosing capacitors.
Capacitor Characteristics
Ceramic composition capacitors are highly recommended
over all other types of capacitors for use with the AAT3103.
Ceramic capacitors offer many advantages over their tan-
talum and aluminum electrolytic counterparts. A ceramic
capacitor typically has very low ESR, is lowest cost, has a
smaller PCB footprint, and is non-polarized. Low ESR
ceramic capacitors help to maximize charge pump tran-
sient response. Since ceramic capacitors are non-polar-
ized, they are not prone to incorrect connection damage.
U1
AAT3103
C1
1μF
D1
1
D2
10
OUT
2
C-
3
4
C+
5
IN
D3
AGND
RSET
EN/SET
9
8
7
6
VIN
C2
1μF
C3
1μF
D1
R1
14.3k
EN/SET
Figure 6: Higher Current, Single LED Application.
U1
AAT3103
D1
1
D2
10
OUT
2
C-
3
4
C+
5
IN
D3
AGND
RSET
EN/SET
9
8
7
6
C2
1μF
C3
1μF
D2
D3
R1
14.3k
VIN
EN/SET
D1
Figure 7: Lower Cost 1x Mode Application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com