Electronic Components Datasheet Search
  English  ▼

X  

TLMS1100 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TLMS1100
Description  Standard 0603 SMD LED
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLMS1100 Datasheet(HTML) 3 Page - Vishay Siliconix

  TLMS1100 Datasheet HTML 1Page - Vishay Siliconix TLMS1100 Datasheet HTML 2Page - Vishay Siliconix TLMS1100 Datasheet HTML 3Page - Vishay Siliconix TLMS1100 Datasheet HTML 4Page - Vishay Siliconix TLMS1100 Datasheet HTML 5Page - Vishay Siliconix TLMS1100 Datasheet HTML 6Page - Vishay Siliconix TLMS1100 Datasheet HTML 7Page - Vishay Siliconix TLMS1100 Datasheet HTML 8Page - Vishay Siliconix TLMS1100 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
TLMS1100, TLMO1100, TLMY1100, TLMG1100,
www.vishay.com
Vishay Semiconductors
Rev. 2.6, 22-Sep-14
3
Document Number: 83173
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
TLMY1100, YELLOW
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity
IF = 20 mA
lV
50
80
-
mcd
Dominant wavelength
IF = 20 mA
λd
580
589
595
nm
Peak wavelength
IF = 20 mA
λp
-
591
-
nm
Angle of half intensity
IF = 20 mA
ϕ
-± 80
-
deg
Forward voltage
IF = 20 mA
VF
-2.1
3.0
V
Reverse voltage
IR = 10 μA
VR
6-
-
V
Junction capacitance
VR = 0 V, f = 1 MHz
Cj
-15
-
pF
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
TLMG1100, GREEN
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity
IF = 20 mA
lV
12.5
35
-
mcd
Dominant wavelength
IF = 20 mA
λd
564
570
575
nm
Peak wavelength
IF = 20 mA
λp
-
572
-
nm
Angle of half intensity
IF = 20 mA
ϕ
-± 80
-
deg
Forward voltage
IF = 20 mA
VF
-2.1
3.0
V
Reverse voltage
IR = 10 μA
VR
6-
-
V
Junction capacitance
VR = 0 V, f = 1 MHz
Cj
-15
-
pF
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
TLMP1100, PURE GREEN
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity
IF = 20 mA
lV
6.3
15
-
mcd
Dominant wavelength
IF = 20 mA
λd
551
561
566
nm
Peak wavelength
IF = 20 mA
λp
-
562
-
nm
Angle of half intensity
IF = 20 mA
ϕ
-± 80
-
deg
Forward voltage
IF = 20 mA
VF
-2.1
3.0
V
Reverse voltage
IR = 10 μA
VR
6-
-
V
Junction capacitance
VR = 0 V, f = 1 MHz
Cj
-15
-
pF
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
TLMB1100, BLUE
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity
IF = 10 mA
lV
45
-
mcd
Dominant wavelength
IF = 10 mA
λd
-
466
-
nm
Peak wavelength
IF = 10 mA
λp
-
428
-
nm
Angle of half intensity
IF = 10 mA
ϕ
-± 80
-
deg
Forward voltage
IF = 10 mA
VF
-3.9
4.5
V
Reverse voltage
IR = 10 μA
VR
5-
-
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com