Electronic Components Datasheet Search
  English  ▼

X  

HS151 Datasheet(PDF) 7 Page - Sensata Technologies, Inc.

Part # HS151
Description  POWERPLUS DC SERIES | 100 VDC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

HS151 Datasheet(HTML) 7 Page - Sensata Technologies, Inc.

  HS151 Datasheet HTML 1Page - Sensata Technologies, Inc. HS151 Datasheet HTML 2Page - Sensata Technologies, Inc. HS151 Datasheet HTML 3Page - Sensata Technologies, Inc. HS151 Datasheet HTML 4Page - Sensata Technologies, Inc. HS151 Datasheet HTML 5Page - Sensata Technologies, Inc. HS151 Datasheet HTML 6Page - Sensata Technologies, Inc. HS151 Datasheet HTML 7Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Page 7
www.sensata.com
CONTACT US
Americas
+1(800) 350 2727
sales.crydom@sensata.com
Europe, Middle East & Africa
+44 (1202) 416170
ssr-info.eu@sensata.com
Asia Pacific
sales.isasia@list.sensata.com
China +86 (21) 2306 1500
Japan +81 (45) 277 7117
Korea +82 (31) 601 2004
India +91 (80) 67920890
Rest of Asia +886 (2) 27602006
ext 2808
Copyright © 2024 Sensata Technologies, Inc.
Datasheets provided by Sensata Technologies, Inc., its subsidiaries and/or affiliates (“Sensata”) are solely intended to assist third parties
(“Buyers”) who are developing systems that incorporate Sensata products (also referred to herein as “components”). Buyer understands
and agrees that Buyer remains responsible for using its independent analysis, valuation, and judgment in designing Buyer’s systems
and products. Sensata datasheets have been created using standard laboratory conditions and engineering practices. Sensata has not
conducted any testing other than that specifically described in the published documentation for a particular datasheet. Sensata may
make corrections, enhancements, improvements, and other changes to its datasheets or components without notice.
Buyers are authorized to use Sensata datasheets with the Sensata component(s) identified in each particular datasheet. HOWEVER,
NO OTHER LICENSE, EXPRESS OR IMPLIED, BY ESTOPPEL OR OTHERWISE TO ANY OTHER SENSATA INTELLECTUAL PROPERTY
RIGHT, AND NO LICENSE TO ANY THIRD PARTY TECHNOLOGY OR INTELLECTUAL PROPERTY RIGHT, IS GRANTED HEREIN. SENSATA
DATASHEETS ARE PROVIDED “AS IS”. SENSATA MAKES NO WARRANTIES OR REPRESENTATIONS WITH REGARD TO THE DATASHEETS
OR USE OF THE DATASHEETS, EXPRESS, IMPLIED, OR STATUTORY, INCLUDING ACCURACY OR COMPLETENESS. SENSATA DISCLAIMS
ANY WARRANTY OF TITLE AND ANY IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE, QUIET
ENJOYMENT, QUIET POSSESSION, AND NON-INFRINGEMENT OF ANY THIRD PARTY INTELLECTUAL PROPERTY RIGHTS WITH REGARD
TO SENSATA DATASHEETS OR USE THEREOF.
All products are sold subject to Sensata’s terms and conditions of sale supplied at www.sensata.com. SENSATA ASSUMES NO
LIABILITY FOR APPLICATIONS ASSISTANCE OR THE DESIGN OF BUYERS’ PRODUCTS. BUYER ACKNOWLEDGES AND AGREES THAT IT
IS SOLELY RESPONSIBLE FOR COMPLIANCE WITH ALL LEGAL, REGULATORY, AND SAFETY-RELATED REQUIREMENTS CONCERNING
ITS PRODUCTS, AND ANY USE OF SENSATA COMPONENTS IN ITS APPLICATIONS, NOTWITHSTANDING ANY APPLICATIONS-RELATED
INFORMATION OR SUPPORT THAT MAY BE PROVIDED BY SENSATA.
Mailing Address: Sensata Technologies, Inc., 529 Pleasant Street, Attleboro, MA 02703, USA
Rev. 07/09/2024 ECN 20395 FDE-07-01 Rev. B
WARNINGS
GENERAL NOTES
(1)
All parameters at Tc=25°C unless otherwise specified.
(2)
Option “K” is designed and tested for use with printed circuit boards or ring/fork terminals having a thickness between 0.031 and
0.093 inches (0.79 to 2.36 mm), and loads rated up to 50 Amps.
For higher load currents, the “K” standoff temperature must not exceed 105°C. For additional application assistance please contact
Technical Support.
(3)
Heat sinking required, see derating curves.
(4)
Low current loads and high ambient temperature can affect turn-on time.
(5)
8 VDC Minimum control voltage. Resistive loads only. Consider switching losses; at maximum frequency reduce to 75% output current.
(6)
Increase minimum voltage by 1V for operations from -20 to -40°C.
(7)
Decrease maximum control voltage 1.35V/°C above 80°C ambient temperature.
(8)
All parameters at 50% power rating and 100% duty cycle.
For additional information or specific questions, contact Technical Support
AGENCY APPROVALS & CERTIFICATIONS
EN60950-1: Meets the requirements of sections1.5: 1,7: 2.9: 2.10.5.3: 4.2: 4.5: 4.7:
IEC 61000-4-2 Electrostatic Discharge Level 3
IEC 61000-4-4 Electrically Fast Transients Level 3
IEC 61000-4-5 Electrical Surges Level 3
E116950
RISK OF MATERIAL DAMAGE AND HOT ENCLOSURE
• The product’s side panels may be hot, allow the product to cool before touching
• Follow proper mounting instructions including torque values
• Do not allow liquids or foreign objects to enter this product
Failure to follow these instructions can result in serious injury, or equipment damage.
HAZARD OF ELECTRIC SHOCK, EXPLOSION OR ARC FLASH
• Disconnect all power before installing or working with this equipment
• Verify all connections and replace all covers before turning on power
Failure to follow these instructions will result in death or serious injury.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com