Electronic Components Datasheet Search
  English  ▼

X  

HS151DR Datasheet(PDF) 1 Page - Sensata Technologies, Inc.

Part # HS151DR
Description  POWERPLUS DC SERIES | 100 VDC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

HS151DR Datasheet(HTML) 1 Page - Sensata Technologies, Inc.

  HS151DR Datasheet HTML 1Page - Sensata Technologies, Inc. HS151DR Datasheet HTML 2Page - Sensata Technologies, Inc. HS151DR Datasheet HTML 3Page - Sensata Technologies, Inc. HS151DR Datasheet HTML 4Page - Sensata Technologies, Inc. HS151DR Datasheet HTML 5Page - Sensata Technologies, Inc. HS151DR Datasheet HTML 6Page - Sensata Technologies, Inc. HS151DR Datasheet HTML 7Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Page 1
www.sensata.com
Copyright © 2024 Sensata Technologies, Inc.
POWERPLUS DC SERIES | 100 VDC
PANEL MOUNT SOLID STATE RELAYS
Features
• Ratings from 10 A to 100 A @ 100 VDC
• LED Status Indicator
• Relays are easily paralleled for higher-current applications
• UL Approved, CE Compliant to EN60950-1
• Improved SEMS screw and washer
• Redesigned housing with anti-rotation barriers
• MOSFET Output
• DC control
• EMC Compliant to Level 3
• Epoxy Free Design
• Optional IP20 Cover
• PWM up to 1 kHz
PRODUCT SELECTION
Control Voltage
10 A
20 A
40 A
60 A
80 A
100 A
4-32 VDC
DC100D10
DC100D20
DC100D40
DC100D60
DC100D80
DC100D100
Description
10 A
20 A
40 A
60 A
80 A
100 A
Recommended Operating Voltage [Vdc]
1-72
1-72
1-72
1-72
1-72
1-72
Absolute Maximum Rating [Vdc]
100
100
100
100
100
100
Maximum Off-State Leakage Current @ Rated
Voltage [mA]
0.1
0.1
0.1
0.1
0.1
0.1
Maximum Load Current [Adc] (2)(3)
10
20
40
60
80
100
Minimum Load Current [mA] (4)
2.5
2.5
2.5
2.5
2.5
2.5
Maximum Surge Current (10msec) [Adc]
66
91
136
180
220
330
Maximum On-State Voltage Drop @ Rated
Current [Vdc]
0.13
0.24
0.28
0.36
0.40
0.4
Maximum On-State Resistance [RDS-ON] [mΩ]
13
12
7
6
5
4
Thermal Resistance Junction to Case (Rjc)
[°C/W]
1.27
0.73
0.58
0.45
0.34
0.27
Minimum Heat Sink for Rated Current @ 40°C
[°C/W]
N/R
5
2
1
0.5
0.5
Maximum Pulse Width Modulation Frequency
[Hz] 5
1000
1000
900
900
700
700
SPECIFICATIONS
Output Voltage (1)


Similar Part No. - HS151DR

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
HS151DR CRYDOM-HS151DR Datasheet
579Kb / 4P
DIN Rail Mount
HS151DR CRYDOM-HS151DR Datasheet
547Kb / 4P
Panel Mount
logo
Sensata Technologies, I...
HS151DR SENSATA-HS151DR Datasheet
2Mb / 7P
PANEL MOUNT SOLID STATE RELAYS
Rev. 03/28/2025
HS151DR SENSATA-HS151DR Datasheet
183Kb / 3P
DIN RAIL OR PANEL MOUNT HEAT SINKS
Rev:10/17/24
logo
Crydom Inc.,
HS151DR-D2450 CRYDOM-HS151DR-D2450 Datasheet
579Kb / 4P
DIN Rail Mount
More results

Similar Description - HS151DR

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
SS26 CANDD-SS26 Datasheet
238Kb / 4P
5 VDC INPUT, 3.3 VDC OUTPUT DC/DC CONVERTER
logo
Tyco Electronics
JFC050C MACOM-JFC050C Datasheet
378Kb / 20P
dc-dc Converters; 18 to 36 Vdc Input; 15 Vdc Output; 50 W to 100 W
logo
Murata Power Solutions ...
SS25-A-A-A MURATA-PS-SS25-A-A-A Datasheet
190Kb / 4P
5 Vdc Input, 3.3 Vdc Output DC/DC Converter
logo
Bel Fuse Inc.
SLIN-03E2AX BEL-SLIN-03E2AX Datasheet
436Kb / 25P
NON-ISOLATED DC/DC CONVERTERS 4.5 Vdc - 14 Vdc Input, 0.59 Vdc - 5.5 Vdc /3 A Outputs
SLIN-06E1AX BEL-SLIN-06E1AX Datasheet
481Kb / 26P
NON-ISOLATED DC/DC CONVERTERS 4.5 Vdc - 14 Vdc Input, 0.59 Vdc - 5.5 Vdc /6 A Outputs
SLIN-06E2AX BEL-SLIN-06E2AX Datasheet
442Kb / 25P
NON-ISOLATED DC/DC CONVERTERS 4.5 Vdc - 14 Vdc Input, 0.59 Vdc - 5.5 Vdc /6 A Outputs
SLIN-12E1AX BEL-SLIN-12E1AX Datasheet
762Kb / 26P
NON-ISOLATED DC/DC CONVERTERS 4.5 Vdc - 14 Vdc Input, 0.69 Vdc - 5.5 Vdc /12 A Outputs
0RCY-80R BEL-0RCY-80R Datasheet
225Kb / 8P
ISOLATED DC/DC CONVERTERS 18 Vdc - 36 Vdc Input
logo
HY-LINE Power Component...
P100A2405S HY-LINE-P100A2405S Datasheet
1Mb / 7P
100 W DC-DC Converter P100A-Series
Rev: 20190820 f
P100B4805S HY-LINE-P100B4805S Datasheet
1Mb / 7P
100 W DC-DC Converter P100B-Series
Rev: 20190820 f
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com