Electronic Components Datasheet Search
  English  ▼

X  

HS033 Datasheet(PDF) 3 Page - Sensata Technologies, Inc.

Part # HS033
Description  POWERPLUS DC SERIES | 100 VDC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

HS033 Datasheet(HTML) 3 Page - Sensata Technologies, Inc.

  HS033 Datasheet HTML 1Page - Sensata Technologies, Inc. HS033 Datasheet HTML 2Page - Sensata Technologies, Inc. HS033 Datasheet HTML 3Page - Sensata Technologies, Inc. HS033 Datasheet HTML 4Page - Sensata Technologies, Inc. HS033 Datasheet HTML 5Page - Sensata Technologies, Inc. HS033 Datasheet HTML 6Page - Sensata Technologies, Inc. HS033 Datasheet HTML 7Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
www.sensata.com
Page 3
Copyright © 2024 Sensata Technologies, Inc.
WIRING DIAGRAM
* Inductive loads must be diode suppressed.
Recommended Wire Sizes
Terminals
Wire Size
(Solid / Stranded)
Wire Pull-Out
Strength (lb)[N]
Input
24 AWG (0.2 mm2) /
0.2 [minimum]
10 [44.5]
2 x 12 AWG (3.3 mm2) /
3.3 [maximum]
90 [400]
Output
20 AWG (0.5 mm2) /
0.518 [minimum]
30 [133]
2 x 10 AWG (5.3 mm2) / 5.3
110 [490]
2 x 8 AWG (8.4 mm2) /
8.4 [maximum]
90 [400]
EQUIVALENT CIRCUIT BLOCK DIAGRAMS
1
4
+2
+3
OUTPUT
INPUT
Load
+
-
V
+
-
V
+
1
4
+2
+3
OUTPUT
INPUT
-
+
V
+
-
V
Load
+
-DC
+DC
-DC
Trigger
Circuit
Control
Circuit
+DC
4
3
1
2
4
3
1
2
0
2
4
6
8
10
12
14
05
10
15
20
25
30
35
MECHANICAL SPECIFICATIONS (1)
1
OUTPUT
+2
4
INPUT
+3
1.1
[27.9]
0.49
[12.4]
Mounting
Hole/Slot
0.19 [4.9]
DIA.
0.89
[22.6]
1.88
[47.6]
1.7
[43.2]
2.25
[57.3]
1.0
[25.4]
1.75
[44.5]
1
OUTPUT
+2
4
INPUT
+3
1.1
[27.9]
0.49
[12.4]
Mounting
Hole/Slot
0.19 [4.9]
DIA.
1.88
[47.6]
1.7
[43.2]
2.25
[57.3]
1.0
[25.4]
1.75
[44.5]
1.04
[26.4]
(4 places)
0.93
[23.6]
1.0
[25.4]
(2 places)
(2 places)
*Tolerances: ±0.02 in / 0.5 mm All dimensions are in: inches [millimeters]
Screw Termination
Hex Standoff Termination (“K” Option) (2)
*
*
Input Current vs Input Voltage
Standard Regulated “DC” Inputs
DC Input Voltage



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com