Electronic Components Datasheet Search
  English  ▼

X  

SHV Datasheet(PDF) 1 Page - Radiall. All rights reserved.

Part # SHV
Description  FEMALE STRAIGHT PLUG CABLE 5/50
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIALL [Radiall. All rights reserved.]
Direct Link  https://www.radiall.com/
Logo RADIALL - Radiall. All rights reserved.

SHV Datasheet(HTML) 1 Page - Radiall. All rights reserved.

  SHV Datasheet HTML 1Page - Radiall. All rights reserved. SHV Datasheet HTML 2Page - Radiall. All rights reserved. SHV Datasheet HTML 3Page - Radiall. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Technical Data Sheet
FEMALE STRAIGHT PLUG CABLE 5/50
PAGE 1/3
ISSUE 16-03-16P
SERIES SHV
PART NUMBER R317005000
This document contains proprietary information and such information shall not be disclosed to any third party for any purpose whatsoever or used for manufacturing purposes without prior written
agreement from Radiall. The data defined in this document are given as an indication, in the effort to improve our products; we reserve the right to make any changes judged necessary.
All dimensions are in mm.
.
.
pn
ao
COMPONENTS
MATERIALS
PLATING (
m)
Body
BRASS
NICKEL
Center contact
BERYLLIUM COPPER
GOLD OVER NICKEL
Outer contact
BERYLLIUM COPPER
NICKEL
Insulator
PTFE
Gasket
SILICONE RUBBER
Others parts
BRASS
NICKEL
-
-
-
-
-
-


Similar Part No. - SHV

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
SHV HAMMOND-SHV Datasheet
100Kb / 2P
Generateur de chaleur de 100-400 W, avec panneau de commande
logo
Bellnix Co.,Ltd.
SHV BELLNIX-SHV Datasheet
458Kb / 4P
Ultra small size high voltage power supply 500V to 2KV, chassis installing type 2W to 3W adjustable output high voltage power supply
logo
EIC discrete Semiconduc...
SHV-01JN EIC-SHV-01JN Datasheet
103Kb / 1P
AVALANCHE RECTIFIER DIODE
logo
Sanken electric
SHV-02 SANKEN-SHV-02 Datasheet
43Kb / 2P
High-Voltage Rectifier Diodes
SHV-02 SANKEN-SHV-02 Datasheet
29Kb / 2P
High-Voltage Rectifier Diodes
More results

Similar Description - SHV

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R113081000 ETC2-R113081000 Datasheet
28Kb / 2P
STRAIGHT PLUG CRIMP TYPE CABLE 2/50 S
R143008000W ETC2-R143008000W Datasheet
55Kb / 2P
STRAIGHT PLUG CLAMP TYPE CABLE 5/50 SD
logo
Molex Electronics Ltd.
0734136420 MOLEX11-0734136420 Datasheet
73Kb / 1P
50 Ohms, SSMCX Straight Plug, 1.13mm Cable
0732760670 MOLEX11-0732760670 Datasheet
34Kb / 1P
50 Ohms, N Plug, straight. LMR-240 Cable
0734136420 MOLEX-0734136420_V01 Datasheet
60Kb / 1P
50 Ohms, SSMCX Straight Plug, 1.13mm Cable
logo
WAGO Kontakttechnik Gmb...
756-1103-060-050 WAGO-756-1103-060-050 Datasheet
181Kb / 3P
PROFIBUS cable; M12B plug; straight; 5-pole; Length: 5 m
23.11.2021
logo
Molex Electronics Ltd.
0732250041 MOLEX-0732250041 Datasheet
37Kb / 1P
50 Ohms, 2.2-5 Plug, Straight, Solder, for 3/8" SF Cable, Tray
08/26/2022
0732250081 MOLEX-0732250081 Datasheet
40Kb / 1P
50 Ohms, 2.2-5 Plug, Straight, Solder, for 141 Cable, Tray
08/27/2022
0732250101 MOLEX-0732250101 Datasheet
38Kb / 1P
50 Ohms, 2.2-5 Plug, Straight, Solder, for 1/4" SF Cable, Tray
08/26/2022
logo
Samtec, Inc
SMA-P-C-X-ST-CA1 SAMTEC-SMA-P-C-X-ST-CA1 Datasheet
928Kb / 2P
SMA STRAIGHT CABLE PLUG, RG174 & RG316- 50 OHM
01/22/2008
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com