Electronic Components Datasheet Search
  English  ▼

X  

FCT162H245CTPVCG4 Datasheet(PDF) 5 Page - Texas Instruments

Part # FCT162H245CTPVCG4
Description  16-Bit Transceivers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

FCT162H245CTPVCG4 Datasheet(HTML) 5 Page - Texas Instruments

  FCT162H245CTPVCG4 Datasheet HTML 1Page - Texas Instruments FCT162H245CTPVCG4 Datasheet HTML 2Page - Texas Instruments FCT162H245CTPVCG4 Datasheet HTML 3Page - Texas Instruments FCT162H245CTPVCG4 Datasheet HTML 4Page - Texas Instruments FCT162H245CTPVCG4 Datasheet HTML 5Page - Texas Instruments FCT162H245CTPVCG4 Datasheet HTML 6Page - Texas Instruments FCT162H245CTPVCG4 Datasheet HTML 7Page - Texas Instruments FCT162H245CTPVCG4 Datasheet HTML 8Page - Texas Instruments FCT162H245CTPVCG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
CY74FCT16245T
CY74FCT162245T
CY74FCT162H245T
5
]
Switching Characteristics Over the Operating Range[14]
Description
74FCT16245T
74FCT162245T
74FCT16245AT
74FCT162245AT
74FCT162H245AT
Fig.
No.[15]
Parameter
Min.
Max.
Min.
Max.
Unit
tPLH
tPHL
Propagation Delay Data to Output
A to B, B to A
1.5
7.0
1.5
4.5
ns
1, 3
tPZH
tPZL
Output Enable Time
OE to A or B
1.5
9.5
1.5
6.2
ns
1, 7, 8
tPHZ
tPLZ
Output Disable Time
OE to A or B
1.5
7.5
1.5
5.0
ns
1, 7, 8
tPZH
tPZL
Output Enable Time
DIR to A or B
1.5
9.5
1.5
6.2
ns
1, 7, 8
tPHZ
tPLZ
Output Disable Time
DIR to A or B
1.5
7.5
1.5
5.0
ns
1, 7, 8
tSK(O)
Output Skew[16]
0.5
0.5
ns
—
Description
74FCT16245CT
74FCT162245CT
74FCT162H245CT
Fig.
No.[15]
Parameter
Min.
Max.
Unit
tPLH
tPHL
Propagation Delay Data to Output
A to B, B to A
1.5
4.1
ns
1, 3
tPZH
tPZL
Output Enable Time
OE to A or B
1.5
5.8
ns
1, 7, 8
tPHZ
tPLZ
Output Disable Time
OE to A or B
1.5
4.8
ns
1, 7, 8
tPZH
tPZL
Output Enable Time
DIR to A or B
1.5
5.8
ns
1, 7, 8
tPHZ
tPLZ
Output Disable Time
DIR to A or B
1.5
4.8
ns
1, 7, 8
tSK(O)
Output Skew[16]
0.5
ns
—
Note:
14. Minimum limits are specified but not tested on Propagation Delays.
15. See “Parameter Measurement Information” in the General Information section.
16. Skew between any two outputs of the same package switching in the same direction. This parameter is ensured by design.
Ordering Information CY74FCT16245
Speed
(ns)
Ordering Code
Package
Name
Package Type
Operating
Range
4.1
CY74FCT16245CTPACT
Z48
48-Lead (240-Mil) TSSOP
Industrial
CY74FCT16245CTPVC/PVCT
O48
48-Lead (300-Mil) SSOP
4.5
CY74FCT16245ATPACT
Z48
48-Lead (240-Mil) TSSOP
Industrial
CY74FCT16245ATPVC/PVCT
O48
48-Lead (300-Mil) SSOP
7.0
CY74FCT16245TPACT
Z48
48-Lead (240-Mil) TSSOP
Industrial
CY74FCT16245TPVC/PVCT
O48
48-Lead (300-Mil) SSOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com