Electronic Components Datasheet Search
  English  ▼

X  

313 Datasheet(PDF) 1 Page - Marathon Special Products

Part # 313
Description  Terminal Block– Closed Back 30 Amps, 600 Volts (AC/DC)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARATHON [Marathon Special Products]
Direct Link  https://www.marathonsp.com/index.php
Logo MARATHON - Marathon Special Products

313 Datasheet(HTML) 1 Page - Marathon Special Products

  313 Datasheet HTML 1Page - Marathon Special Products 313 Datasheet HTML 2Page - Marathon Special Products 313 Datasheet HTML 3Page - Marathon Special Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product Data Sheet
Copper Wire Only
Wire Range with Wire Binding Screw: #10 - #14 AWG (solid recommended)
Application torque: 20 in. lbs
9/16” Centers
Electrical Ratings:
• 30A with Listed ring lug or unprepared wire, (Based on NEC Table 310-16, 75°C columns)
• 600 Volts AC/DC (UL 1059 Class C, User Group - General Industrial)
• Short Circuit Current Rating: 10,000A (Default)
• Factory and Field Wiring.
NOTE: Use outside these ratings must be judged in end-use application
Mechanical Ratings:
• Insulator base temperature rating: -40° C/F to 150°C (302°F)* UL RTI
• Flammability rating of insulator base: UL 94V-0
Materials:
• Connector (Contact): Brass, tin plated.
• Insulator base: Phenolic
• Drive screw (Rivet): Stainless steel
• Screw, #8-32 Binder head, Phil-Slot: Steel, nickel plated
Agency Approvals:
• UL Recognized, UL 1059 Terminal Block Standard, File No. XCFR2.E62806
• CSA Certified, CSA C22.2 No. 158, File No. LR19766
• CE compliant, IEC 60947-7-1
• RoHS Compliant
3XX Series Std
Replace “XX” with 01 through 24 for number of poles
Terminal Block
– Closed Back
30 Amps, 600 Volts (AC/DC)
(6 Pole shown)


Similar Part No. - 313

ManufacturerPart #DatasheetDescription
logo
Littelfuse
313 LITTELFUSE-313 Datasheet
94Kb / 1P
3AG Slo-Blo Fuse 313/315 Series
logo
List of Unclassifed Man...
313 ETC2-313 Datasheet
259Kb / 1P
Wiha Insulated 1/4 Sockets & Sets
logo
3M Electronics
313 3M-313 Datasheet
560Kb / 4P
3M ??Scotch짰 Box Sealing Tape 313
logo
Littelfuse
313 LITTELFUSE-313 Datasheet
258Kb / 4P
FUSE HOLDER SELECTION GUIDE
logo
List of Unclassifed Man...
313-010-6040G ETC2-313-010-6040G Datasheet
5Mb / 93P
Blind Mate Contact, fits in standard housing. Rated to 5 GHz. Mates with PkZ.
More results

Similar Description - 313

ManufacturerPart #DatasheetDescription
logo
Marathon Special Produc...
132X474 MARATHON-132X474 Datasheet
82Kb / 3P
175 Amps 600 Volts AC/DC
REV-B 11/13/13
141X201 MARATHON-141X201 Datasheet
388Kb / 3P
115 Amps 600 Volts AC/DC
REV-C 12/16/16
132X970 MARATHON-132X970 Datasheet
89Kb / 4P
175 Amps 600 Volts AC/DC
REV-C 11/13/13
133X587 MARATHON-133X587 Datasheet
98Kb / 4P
380 Amps 600 Volts AC/DC
REV-D 10/16/13
145X592 MARATHON-145X592 Datasheet
128Kb / 4P
760 Amps 600 Volts AC/DC
REV-G 1/12/18
EPBAD48 MARATHON-EPBAD48 Datasheet
226Kb / 4P
200 Amps 600 Volts AC/DC
REV-A 11/14/16
EPBAP45 MARATHON-EPBAP45 Datasheet
173Kb / 4P
200 Amps 600 Volts AC/DC
REV-G 12/19/17
EPBAP74 MARATHON-EPBAP74 Datasheet
171Kb / 4P
335 Amps 600 Volts AC/DC
REV-J 2/14/18
EPBCD45 MARATHON-EPBCD45 Datasheet
171Kb / 5P
200 Amps 600 Volts AC/DC
REV-J 12/19/17
MPV6153DD MARATHON-MPV6153DD Datasheet
141Kb / 3P
600 Amps 600/1500 Volts AC/DC
REV-A 08/02/16
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com