Electronic Components Datasheet Search
  English  ▼

X  

TL431Z Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TL431Z
Description  PROGRAMMABLE PRECISION SHUNT REGULATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TL431Z Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TL431Z Datasheet HTML 1Page - List of Unclassifed Manufacturers TL431Z Datasheet HTML 2Page - List of Unclassifed Manufacturers TL431Z Datasheet HTML 3Page - List of Unclassifed Manufacturers TL431Z Datasheet HTML 4Page - List of Unclassifed Manufacturers TL431Z Datasheet HTML 5Page - List of Unclassifed Manufacturers TL431Z Datasheet HTML 6Page - List of Unclassifed Manufacturers TL431Z Datasheet HTML 7Page - List of Unclassifed Manufacturers TL431Z Datasheet HTML 8Page - List of Unclassifed Manufacturers TL431Z Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
PROGRAMMABLE PRECISION SHUNT REGULATOR
TL431Z/AZ /CZ
PROGRAMMABLE PRECISION REFERENCES
The TL431Z is three-terminal adjustable shunt regulator
with specified termal stability.
The output voltage may be set to any value between
VREF(Approx. 2.5V) and 36V with two external resistors.
This device has a typical output inpedance of 0.2Ω.
Active output circuitry provides a very sharp turn-on
characteristic, making this device excellent
replacement for zener diodes in many application.
FEATURES
● Equivalent Full Range Temperature Coefficient 50PPM/℃
ORDERING INFORMATION
● Temperature Compensated For Operation Over
Full Rate Operating Temperature Range
● Adjustable Output Voltage
● Fast Turn-on Response
● Sink Current Capability 1㎃ to 100㎃
● Low (0.2Ω Typ.) Dynamic Output Impedance
● Low Output Noise
FUNCTION BLOCK DIAGRAM
Jan. 2007 - Rev 1.0
HTC
Package
TO-92
Device
Marking
TL431Z
TL431-AZ
TL431Z
TL431-AZ
TL431-CZ
TL431-CZ
TL431-AZSF
TL431-CZSF
SOT-23
431
TL431ZSF
1
2.5VREF
BLOCK DIAGRAM
REFERENCE
CATHODE
ANODE
REFERENCE(R)
ANODE(A)
CATHODE(K)
* Packing label is
different as Vref
3.Cathode
2.Anode
1.Reference
2.Anode
1.Reference
3.Cathode
TO-92 PKG
SOT-23 PKG


Similar Part No. - TL431Z

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
TL431Z HTC-TL431Z Datasheet
454Kb / 10P
PROGRAMMABLE PRECISION SHUNT REGULATOR
logo
IK Semicon Co., Ltd
TL431Z IKSEMICON-TL431Z Datasheet
569Kb / 14P
Programmable Precision Reference
TL431ZAD IKSEMICON-TL431ZAD Datasheet
569Kb / 14P
Programmable Precision Reference
TL431ZALF IKSEMICON-TL431ZALF Datasheet
569Kb / 14P
Programmable Precision Reference
TL431ZALF IKSEMICON-TL431ZALF Datasheet
494Kb / 13P
Programmable Precision Reference
More results

Similar Description - TL431Z

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
TL431X MCC-TL431X Datasheet
690Kb / 2P
Programmable Precision Shunt Regulator
TL431LP MCC-TL431LP Datasheet
124Kb / 3P
Programmable Precision Shunt Regulator
logo
HTC Korea TAEJIN Techno...
TL431 HTC-TL431_10 Datasheet
671Kb / 12P
PROGRAMMABLE PRECISION SHUNT REGULATOR
TL431Z HTC-TL431Z Datasheet
454Kb / 10P
PROGRAMMABLE PRECISION SHUNT REGULATOR
logo
Micro Commercial Compon...
TL431X MCC-TL431X_11 Datasheet
628Kb / 3P
Programmable Precision Shunt Regulator
TL431KLP MCC-TL431KLP Datasheet
299Kb / 4P
Programmable Precision Shunt Regulator
TL431LP MCC-TL431LP_13 Datasheet
185Kb / 3P
Programmable Precision Shunt Regulator
logo
HTC Korea TAEJIN Techno...
LM431 HTC-LM431 Datasheet
284Kb / 9P
PROGRAMMABLE PRECISION SHUNT REGULATOR
TJ431 HTC-TJ431 Datasheet
188Kb / 5P
PROGRAMMABLE PRECISION SHUNT REGULATOR
TJR431A HTC-TJR431A Datasheet
161Kb / 4P
PROGRAMMABLE PRECISION SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com