Electronic Components Datasheet Search
  English  ▼

X  

TLV1571IPW Datasheet(PDF) 16 Page - Texas Instruments

Part # TLV1571IPW
Description  2.7 V TO 5.5 V, 1-/8-CHANNEL, 10-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTERS
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV1571IPW Datasheet(HTML) 16 Page - Texas Instruments

Back Button TLV1571IPW Datasheet HTML 12Page - Texas Instruments TLV1571IPW Datasheet HTML 13Page - Texas Instruments TLV1571IPW Datasheet HTML 14Page - Texas Instruments TLV1571IPW Datasheet HTML 15Page - Texas Instruments TLV1571IPW Datasheet HTML 16Page - Texas Instruments TLV1571IPW Datasheet HTML 17Page - Texas Instruments TLV1571IPW Datasheet HTML 18Page - Texas Instruments TLV1571IPW Datasheet HTML 19Page - Texas Instruments TLV1571IPW Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
TLV1571, TLV1578
2.7 V TO 5.5 V, 1-/8-CHANNEL, 10-BIT,
PARALLEL ANALOG-TO-DIGITAL CONVERTERS
SLAS170D –MARCH 1999 – REVISED JULY 2000
16
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
grounding and decoupling considerations
General practices should apply to the PCB design to limit high frequency transients and noise that are fed back
into the supply and reference lines. This requires that the supply and reference pins be sufficiently bypassed.
In most cases 0.1-
µF ceramic chip capacitors are adequate to keep the impedance low over a wide frequency
range. Since their effectiveness depends largely on the proximity to the individual supply pin, they should be
placed as close to the supply pins as possible.
To reduce high frequency and noise coupling, it is highly recommended that digital and analog grounds be
shorted immediately outside the package. This can be accomplished by running a low impedance line between
DGND and AGND under the package.
TLV1571/78
100 nF
DGND
DVDD
AVDD
AGND
REFP
REFM
100 nF
100 nF
VREFP
VREFM
AVDD
DVDD
Figure 9. Placement for Decoupling Capacitors
power supply ground layout
Printed-circuit boards that use separate analog and digital ground planes offer the best system performance.
Wire-wrap boards do not perform well and should not be used. The two ground planes should be connected
together at the low-impedance power-supply source. The best ground connection may be achieved by
connecting the ADC AGND terminal to the system analog ground plane making sure that analog ground
currents are well managed.
Rs
Ri(MUX)
VS
VC
15 pF
Driving Source†
TLV1571/78
Ci
VI
VI = Input Voltage at AIN
VS = External Driving Source Voltage
Rs = Source Resistance
Ri(ADC)= Input Resistance of ADC
Ri(MUX)= Input Resistance (MUX on resistance)
Ci = Input Capacitance
VC= Capacitance Charging Voltage
† Driving source requirements:
• Noise and distortion for the source must be equivalent to the resolution of the converter.
• Rs must be real at the input frequency.
Ri(ADC)
MO
AIN
Figure 10. Equivalent Input Circuit Including the Driving Source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com