Electronic Components Datasheet Search
  English  ▼

X  

133 Datasheet(PDF) 2 Page - Marathon Special Products

Part # 133
Description  Thermoplastic Power Blocks With Hinge Covers Attached (CH)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARATHON [Marathon Special Products]
Direct Link  https://www.marathonsp.com/index.php
Logo MARATHON - Marathon Special Products

133 Datasheet(HTML) 2 Page - Marathon Special Products

  133 Datasheet HTML 1Page - Marathon Special Products 133 Datasheet HTML 2Page - Marathon Special Products 133 Datasheet HTML 3Page - Marathon Special Products 133 Datasheet HTML 4Page - Marathon Special Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1321122 CH
1322122 CH
1323122 CH
1321422 CH
1322422 CH
1323422 CH
1331563 CH
1332563 CH
1333563 CH
1331564 CH
1332564 CH
1333564 CH
Stud Block
Splicer Blo
1331272 CH
1332272 CH
1333272 CH
1331273 CH
1332273 CH
1333273 CH
1331280 CH
1332280 CH
1333280 CH
1331281 CH
1332281 CH
1333281 CH
1331270 CH
1332270 CH
1333270 CH
1331271 CH
1332271 CH
1333271 CH
Stud to Di
Connector
Line Wire
Openings
Connector
Load Wire
Openings
Catalog #
Poles
Amps
Configuration
Range
Per Pole
Configuration
Range
Per Pole
Catalog #
P
Catalog #
P
Catalog #
P
Catalog #
P
Power Distribution Blocks
1321572 CH
1322572 CH
1323572 CH
1321972 CH
1322972 CH
1323972 CH
1331305 CH
1332305 CH
1333305 CH
1331360 CH
1332360 CH
1333360 CH
1331320 CH
1332320 CH
1333320 CH
1331126 CH
1332126 CH
1333126 CH
1321574 CH
1322574 CH
1323574 CH
1321474 CH
1322474 CH
1323474 CH
1331559 CH
1332559 CH
1333559 CH
1331558 CH
1332558 CH
1333558 CH
Splicer/Stu
Marathon Special Products is introducing thermoplastic power blocks with hinge covers attached. No lost covers or
screws to worry about. Order with one catalog number for block and cover.
These power blocks with the hinge cover are rated IP1. The cover is made from the same material as the insulator base.
This cover is snapped on (no screws) and is hinged for access from either side of the block!
1321570 CH
1322570 CH
1323570 CH
1321580 CH
1322580 CH
1323580 CH
1321970 CH
1322970 CH
1323970 CH
1331554 CH
1332554 CH
1333554 CH
1331552 CH
1332552 CH
1333552 CH
1331555 CH
1332555 CH
1333555 CH
1331587 CH
1332587 CH
1333587 CH
1331595 CH
1332595 CH
1333595 CH
1331585 CH
1332585 CH
1333585 CH
1331575 CH
1332575 CH
1333575 CH
1331565 CH
1332565 CH
1333565 CH
1331588 CH
1332588 CH
1333588 CH
1331596 CH
1332596 CH
1333596 CH
1331597 CH
1332597 CH
1333597 CH
1331598 CH
1332598 CH
1333598 CH
1331955 CH
1332955 CH
1333955 CH
1331953 CH
1332953 CH
1333953 CH
1
2
3
1
2
3
1
2
3
1
2
3
1
2
3
1
2
3
1
2
3
1
2
3
1
2
3
1
2
3
1
2
3
1
2
3
1
2
3
1
2
3
1
2
3
1
2
3
1
2
3
175
310
335
350
380
420
420
420
420
420
510
510
510
350
380
1
1
1
2
1
1
1
1
1
1
2
2
2
2
1
4
6
4
2
4
6
3
1
12
8
4
2
6
3
12
8
4
6
6
#4-#14AWG
#2/0 - #14
AWG
*** #2 - #14
AWG
** #4 - #14
AWG
*** #2 - #14 AWG
350 kcmil
- #6 AWG
** #4 - #14
AWG
*** #2 - #14
AWG
2/0 - #14
AWG
250 kcmil
- #1/0 AWG
*** #2 - 14
AWG
#1/0 - #14 AWG
#4 - #14
AWG
*** #2 - #14
AWG
2/0 - #14
AWG
** #4 - #14
AWG
*** #2 - #14
AWG
CU
*
CU
*
CU
CU
#2/0-#14AWG
350 kcmil
- #6 AWG
400 kcmil
- #6 AWG
#2/0 - #14
AWG
500 kcmil
- #4 AWG
600 kcmil
- #2 AWG
600 kcmil
- #2 AWG
600 kcmil
- #2 AWG
600 kcmil
- #2 AWG
600 kcmil
- #2 AWG
250 kcmil
- #1/0 AWG
250 kcmil
- #1/0 AWG
250 kcmil
- #1/0 AWG
2/0 - #14
AWG
500 kcmil
- #4 AWG
Unique Solutions For Power Distribution...
Thermoplastic Power Blocks
With Hinge Covers
Attached (CH)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com