Electronic Components Datasheet Search
  English  ▼

X  

RA8803 Datasheet(PDF) 2 Page - RAIO Technology Inc.

Part # RA8803
Description  Two Layers Text/Graphic LCD Controller Specification
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAIO [RAIO Technology Inc.]
Direct Link  http://www.raio.com.tw
Logo RAIO - RAIO Technology Inc.

RA8803 Datasheet(HTML) 2 Page - RAIO Technology Inc.

  RA8803 Datasheet HTML 1Page - RAIO Technology Inc. RA8803 Datasheet HTML 2Page - RAIO Technology Inc. RA8803 Datasheet HTML 3Page - RAIO Technology Inc. RA8803 Datasheet HTML 4Page - RAIO Technology Inc. RA8803 Datasheet HTML 5Page - RAIO Technology Inc. RA8803 Datasheet HTML 6Page - RAIO Technology Inc. RA8803 Datasheet HTML 7Page - RAIO Technology Inc. RA8803 Datasheet HTML 8Page - RAIO Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Version 2.1
Two Layers Character/Graphical LCD Controller
RA8803/8822
1. General Description
The RA8803/RA8822 is a Dot-Matrix LCD controller which support both text and graphics mode. It built-in
two Display RAM for two layers display, and an embedded 512Kbyte character ROM that consists of
Chinese, English and ASCII fonts. In text mode, the RA8803/8822 support Chinese BIG5 code or GB code.
The system (MPU) does not need take a lot of time to show the Chinese font in graphics mode.
The RA8803/8822 support 8080/6800 like MPU interface, and also provide 4-Bit or 8-Bit data bus. For LCD
driver interface, it support the most of LCD Driver in the world. The RA8803 support maximum LCD panel is
320x240 dots, and RA8822 is 240x160 dots. If use extension mode then the RA8803 support up to
640x240(320x480) dots Panel, and RA8822support up to 480x160(240x320) dots. The embedded 10-Bit
ADC and Analog Switch provide the 4-wires Touch Panel interface. The 5-Bit DAC provides the contrast
control of the LCD panel. The RA8803/8822 also provide an 8x8 Key-Scan interface that reduces the
loading of MPU. Except for 16x16 Chinese font size, RA8803/8822 also provides a great choice of different
font sizes, such as 32x32, 48x48, or even 64x64. The embedded 512Byte SRAM allows user build their own
characters or symbols for convenience.
The RA8803/8822 is a high integration chip of LCD Controller. It reduce a lot of time for system develop, and
save much cost for hardware system that due to it provides many features for related LCD display
application.
2. Feature
Support Text and Graphics Mode
Support 2-Layers Display(AND, OR, NOR,
XOR), Built-in Two 9.6K/4.8Kbyte Display
Data RAM
Dual Page Support Maximum
320x240(RA8803) Or 240x160(RA8822)
Dots Panel
Extension Mode RA8803: 640x240(320x480)
RA8822: 480x160(240x320) Dots
Support 4/8Bit of 6800/8080 MPU Interface
Built-In 8x8 Key-Scan Circuit
Support Horizontal and Vertical Scrolling
Support 4/8Bit LCD Driver Interface
Built-In 512KByte Font ROM,
_ RA8803/8822-T : 13,094 Traditional
Chinese Fonts
_ RA8803/8822-S : 7,602 Simple Chinese
Fonts
Built-In 512Byte SRAM for Create Font
Font Size Adjustable: 32x32, 48x48 or 64x64,
and V/H Mixed Mode
Support Full Size(16x16) and Half Size(8x16)
Mode
Font ROM Readable
Support Align Function
Support 4 Gray Layer Display
Support Bold Font and Line Distance Setting
Built-In 10-Bit ADC for Touch Panel
Built-In 5-Bit DAC for Contrast Control
Clock: 32KHz X’tal or External Clock
Built-In a 5V to 3.3V DC-DC Converter
Power Supply: 2.4~5V
Package: Die,PQFP/LQPF 100Pins
RAiO TECHNOLOGY INC.
2/8
www.raio.com.tw



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com