Electronic Components Datasheet Search
  English  ▼

X  

RA8906 Datasheet(PDF) 2 Page - RAIO Technology Inc.

Part # RA8906
Description  8-Bit Micro-Controller
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAIO [RAIO Technology Inc.]
Direct Link  http://www.raio.com.tw
Logo RAIO - RAIO Technology Inc.

RA8906 Datasheet(HTML) 2 Page - RAIO Technology Inc.

  RA8906 Datasheet HTML 1Page - RAIO Technology Inc. RA8906 Datasheet HTML 2Page - RAIO Technology Inc. RA8906 Datasheet HTML 3Page - RAIO Technology Inc. RA8906 Datasheet HTML 4Page - RAIO Technology Inc. RA8906 Datasheet HTML 5Page - RAIO Technology Inc. RA8906 Datasheet HTML 6Page - RAIO Technology Inc. RA8906 Datasheet HTML 7Page - RAIO Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Version 2.1
8-Bit Micro-Controller
RAiO TECHNOLOGY INC.
www.raio.com.tw
2/7
RA8906
Overview
The RA8906 is an 8-bit downloadable micro-controller with 64K-byte embedded Flash ROM. It supports multiple
timer/counter sources, versatile interrupt-handling architecture and two built-in DAC’s (Digital-to-Analog
Converters). It provides a complete speech interface and 32K-bps ADPCM solution that make this chip an
excellent choice as the embedded micro-controller for educational game or toy speech products.
The built-in 4K-bytes ROM support the on-chip RAiO ICE Monitor program which controls the UART and
enables the RS232 connection between the RA8906 and a PC host. The RA8906 support the ISP(In-System
Programming) and ISD(In-System Debugging) functions. Users can download their programs as well as data
from a PC host to the embedded Flash ROM of RA8906.
RAiO also support a windows based ICE driver for customers to very easy programming & debugging their
program. Using RS232 connection between a speech toy to a PC host running RAiO’s download utility program,
toy makers are able to implement the Internet Game/Speech download features easily and give the toys multiple
attractive characteristics.
Feature
8-bit Micro Processor
64K-byte Embedded Flash ROM
80-byte User SRAM
Two 8-bit General Purpose I/O Ports
Three 12-bit Timers
Three Fixed Time-Bases (2KHz, 500Hz, 62Hz)
Two 8-bit Current Mode DACs
Support One Watch Dog Timer
Low Power Consumption at Sleep Mode
On-Chip ICE and ISP(In-System
Programming) Supporting Programs.
Support 32K bps ADPCM Solution
Operating Voltage: 4.5V ~ 6V
System Clock: 2/4/6MHz
Package/Die Form
RAiO
TM
RA8906
02xx
LOGO



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com