Electronic Components Datasheet Search
  English  ▼

X  

8129103 Datasheet(PDF) 2 Page - Festo Corporation.

Part # 8129103
Description  Digital input module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8129103 Datasheet(HTML) 2 Page - Festo Corporation.

  8129103 Datasheet HTML 1Page - Festo Corporation. 8129103 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Feature
Value
Diagnose per internal communication
Communication error
Short circuit/overload in sensor supply
Electronics/sensors overvoltage
Electronics/sensors undervoltage
Max. address capacity inputs
1 byte
Channel parameters
Input debounce time
Communication interface, protocol
AP
Note regarding operating voltage
SELV/PELV fixed power supplies required
Note voltage drop
Note on nominal operating voltage DC
Protected Extra-Low-Voltage as per IEC 60204-1
Nominal operating voltage DC for electronics/sensors
24 V
Permissible voltage fluctuations for electronics/sensors
± 25 %
Intrinsic current consumption at nominal operating voltage for
electronics/sensors
Typically 40 mA
Power failure buffering
10 ms
Reverse polarity protection
yes
Electrical connection input, function
Digital input
Electrical connection input, connection type
8x socket
Electrical input connection, connection technology
M8x1, A-coded as per EN 61076-2-104
Electrical connection, input, number of pins/wires
3
Electrical connection for input, connection pattern
00991871
No. of inputs
8
Input characteristics
As per IEC 61131-2, type 3
Switching level
Signal 0: <= 5 V
Signal 1: >= 11 V
Input switching logic
PNP (positive switching)
2-wire sensors as per IEC 61131-2
3-wire sensors as per IEC 61131-2
Input debounce time
3 ms (standard)
10 ms
20 ms
Behavior after end of overload of the sensor supply
Automatic return
Fuse protection inputs (short circuit)
Internal electronic fuse per module
Max. residual current of inputs per module
1.8 A
Electrical isolation of inputs between channels
no
Digital inputs, electrical isolation of input - internal communication
yes
Max. power supply per channel
0.5 A
3/17/26 - Subject to change - Festo SE & Co. KG
2/2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com