Electronic Components Datasheet Search
  English  ▼

X  

8129104 Datasheet(PDF) 2 Page - Festo Corporation.

Part # 8129104
Description  Digital output module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8129104 Datasheet(HTML) 2 Page - Festo Corporation.

  8129104 Datasheet HTML 1Page - Festo Corporation. 8129104 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Feature
Value
Diagnostics via LED
Diagnostics per channel
Diagnostics per module
Load power supply
Status per channel
Diagnose per internal communication
Communication error
Short-circuit/overload in output signal
Electronics/sensors overvoltage
Load overvoltage
Electronics/sensors undervoltage
Load undervoltage
Max. address capacity outputs
1 byte
No. of outputs
8
Module parameters
Configuration of voltage monitoring, load supply PL
Behavior after short circuit/overload at the output
Communication interface, protocol
AP
Note regarding operating voltage
SELV/PELV fixed power supplies required
Note voltage drop
Note on nominal operating voltage DC
Protected Extra-Low-Voltage as per IEC 60204-1
Nominal operating voltage DC load
24 V
Permissible voltage fluctuations load
± 25 %
Nominal operating voltage DC for electronics/sensors
24 V
Permissible voltage fluctuations for electronics/sensors
± 25 %
Intrinsic current consumption at nominal operating voltage for
electronics/sensors
Typically 40 mA
Intrinsic current consumption at nominal operating voltage load
Typically 5 mA
Power failure buffering
10 ms
Potential separation between the supply voltages electronics/sensor
technology and load/valves
yes
Reverse polarity protection
yes
Electrical connection output, function
Digital output
Electrical connection output, connection type
8x socket
Electrical connection output, connection technology
M8x1, A-coded as per EN 61076-2-104
Electrical output connection, number of pins/wires
3
Electrical connection for output, connection pattern
00991871
Characteristic curve outputs
As per IEC 61131-2, type 0.5
Switching logic at outputs
PNP (positive switching)
Fuse protection outputs (short circuit)
Internal electronic fuse per channel
Behavior after end of overload of the outputs
No automatic return
Output delay with resistive load
Signal change 0->1: < 200 µs
Signal change 1->0: < 200 µs
Max. residual current of outputs per module
4 A
Electrical isolation of outputs between channels
no
Electrical isolation of outputs between channel - internal communication yes
Max. power supply per channel
0.5 A
3/17/26 - Subject to change - Festo SE & Co. KG
2/2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com