Electronic Components Datasheet Search
  English  ▼

X  

8129249 Datasheet(PDF) 2 Page - Festo Corporation.

Part # 8129249
Description  End plate
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8129249 Datasheet(HTML) 2 Page - Festo Corporation.

  8129249 Datasheet HTML 1Page - Festo Corporation. 8129249 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Feature
Value
Seals material
PU foam
O-ring material
FPM
Diagnostics via LED
Diagnostics per module
Power supply for electronics/sensors
Load power supply
Diagnose per internal communication
Communication error
Electronics/sensors overvoltage
Load overvoltage
Electronics/sensors undervoltage
Load undervoltage
Communication interface, function
System communication XF10 IN / XF20 OUT
Communication interface, connection type
2x socket
Communication interface, connection technology
M8x1, D-coded as per EN 61076-2-114
Communication interface, number of pins/wires
4
Communication interface, connection pattern
00995937
Communication interface, protocol
AP
Communication interface, shielding
yes
Power supply, function
Incoming electronics/sensors and load
Power supply, type of connection
Plug
Power supply, connection technology
M8x1, A-coded as per EN 61076-2-104
Power supply, connection pattern
00991171
Power supply, number of pins/wires
4
Voltage forwarding, function
Outgoing electronics/sensors and load
Voltage forwarding, connection type
Socket
Voltage forwarding, connection technology
M8x1, A-coded as per EN 61076-2-104
Voltage forwarding, number of pins/wires
4
Voltage forwarding, connection pattern
00991872
Note regarding operating voltage
SELV/PELV fixed power supplies required
Note voltage drop
Note on nominal operating voltage DC
2x24 V [XD1,PS,PL]
Protected Extra-Low-Voltage as per IEC 60204-1
Nominal operating voltage DC load
24 V
Permissible voltage fluctuations load
± 25 %
Nominal operating voltage DC for electronics/sensors
24 V
Permissible voltage fluctuations for electronics/sensors
± 25 %
Power supply, conductor diameter
0.5 mm²
Nominal current
4 A
Max. power supply
2 x 4 A (external fuse required)
Intrinsic current consumption at nominal operating voltage for
electronics/sensors
Typically 41 mA
Intrinsic current consumption at nominal operating voltage load
Typically 3 mA
Power failure buffering
10 ms
Potential separation between the supply voltages electronics/sensor
technology and load/valves
yes
Reverse polarity protection
yes
3/17/26 - Subject to change - Festo SE & Co. KG
2/2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com