Electronic Components Datasheet Search
  English  ▼

X  

TFS70AV Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TFS70AV
Description  Filter specification
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TFS70AV Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TFS70AV Datasheet HTML 1Page - List of Unclassifed Manufacturers TFS70AV Datasheet HTML 2Page - List of Unclassifed Manufacturers TFS70AV Datasheet HTML 3Page - List of Unclassifed Manufacturers TFS70AV Datasheet HTML 4Page - List of Unclassifed Manufacturers TFS70AV Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Filename: tfs 70av.doc
Version 1.2
11.01.2006
VI TELEFILTER
Filter specification
TFS 70AV
2/5
Filter characteristic
52.2
55.8
59.4
63
66.6
70.2
73.8
77.4
81
84.6
88.2
-60
-54
-48
-42
-36
-30
-24
-18
-12
-6
0
frequency in MHz
63.2
64.6
66
67.4
68.8
70.2
71.6
73
74.4
75.8
77.2
-1
-0.9
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0
frequency in MHz
63.2
64.6
66
67.4
68.8
70.2
71.6
73
74.4
75.8
77.2
0.84
0.9
0.96
1.02
1.08
1.14
1.2
1.26
1.32
1.38
1.44
frequency in MHz
Construction and pin connection
(All dimensions in mm)
13,6Max.
1
8
9
10
1,5
2,54 ±0,15
0,8
0,1
1 2 3 4
5
6
7
11
12
Date code
Date code: Year + week
T
2005
U
2006
V
2007
...
1
Ground
2
Ground
3
Ground
4
Ground
5
Output
6
Output RF Return
7
Ground
8
Ground
9
Ground
10
Ground
11
Input
12
Input RF Return
TFS 70AV
●
T51
50 Ohm Test circuit
C1
L1
SAW
L2
C2
12
1, 2, 3, 4, 7, 8, 9, 10
6
5
11
Tele Filter GmbH
Potsdamer Straße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail:
tft@telefilter.com
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is
assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com