Electronic Components Datasheet Search
  English  ▼

X  

8201111 Datasheet(PDF) 2 Page - Festo Corporation.

Part # 8201111
Description  Controller
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8201111 Datasheet(HTML) 2 Page - Festo Corporation.

  8201111 Datasheet HTML 1Page - Festo Corporation. 8201111 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Feature
Value
Digital outputs, potential separation
Yes, optocoupler
Digital outputs, switching frequency
max. 1 kHz
Digital outputs, short circuit current rating
yes
Digital outputs, status indication
LED
Protocol
CAN
CANopen
IO-Link®, protocol version
Device V 1.0
Master V 1.1
IO-Link®, communication mode
Device COM1 (4.8 kBd), COM2 (38.4 kBd), COM3 (230.4 kBd)
Master SIO, COM1 (4.8 kBd), COM2 (38.4 kBd), COM3 (230.4 kBd)
Configurable via software
IO-Link®, port class
Device A
Master B
IO-Link®, number of ports
Device 1
Master 4
IO-Link®, process data width OUT
Master parameterizable 2 - 32 bytes
IO-Link®, process data width IN
Master parameterizable 2 - 32 bytes
IO-Link®, minimum cycle time
Device 3.2 ms
Master 5 ms
IO-Link®, data memory available
2 kByte/port
IO-Link®, output current
3.5 A/port
IO-Link®, Connection technology
Cage Clamp®
Plug
Master 5-pin
Device, 3-pin
IO-Link®, communication
C/Q LED green
C/Q LED red
IO-Link®, ready status indication
L+ green LED on
L+ green LED off
Fieldbus interface, type
CAN bus
Fieldbus interface, connection technology
Plug
Sub-D
9-pin
Fieldbus interface, transmission rate
125, 250, 500, 800, 1000 kbit/s
Adjustable via software
Fieldbus interface, galvanic isolation
yes
USB interface
USB 1.1
Ethernet, connector plug
RJ45
Ethernet, number
1
Ethernet, data transmission speed
10/100 Mbit/s
Ethernet, supported protocols
OPC UA
TCP/IP, EasyIP, Modbus® TCP
Programming software
CODESYS V3
Programming language
as per IEC 61131-3
KOP
AWL
ST
FUP
AS
CE marking (see declaration of conformity)
As per EU EMC directive
UKCA marking (see declaration of conformity)
To UK RoHS instructions
Certificate issuing authority
UL E239998-D1001
3/17/26 - Subject to change - Festo SE & Co. KG
2/2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com