Electronic Components Datasheet Search
  English  ▼

X  

TEC1-12708 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # TEC1-12708
Description  Thermoelectric Cooler
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TEC1-12708 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  TEC1-12708 Datasheet HTML 1Page - List of Unclassifed Manufacturers TEC1-12708 Datasheet HTML 2Page - List of Unclassifed Manufacturers TEC1-12708 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Copyright HB Corporation. HB reserves the right to change these specifications without notice.
Rev 2.03
3
Ceramic Material: Alumina (Al2O3)
Solder Construction: 138ºC, Bismuth Tin (BiSn)
Size table:
A
B
C
Lead Length
40
40
3.5
Operating Tips
• Max. Operating Temperature: 138oC
• Do not exceed Imax or Vmax when
operating module.
• Please consult HB for moisture
protection options (seeling).
TEC1-12708
• Life expectancy: 200,000 hours
•
• Failure rate based on long time testings: 0.2%.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com