Electronic Components Datasheet Search
  English  ▼

X  

PDF0903 Datasheet(PDF) 5 Page - Potens Semiconductor Corp.

Part # PDF0903
Description  100V P-Channel MOSFETs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POTENS [Potens Semiconductor Corp.]
Direct Link  http://potens-semi.com/en/
Logo POTENS - Potens Semiconductor Corp.

PDF0903 Datasheet(HTML) 5 Page - Potens Semiconductor Corp.

  PDF0903 Datasheet HTML 1Page - Potens Semiconductor Corp. PDF0903 Datasheet HTML 2Page - Potens Semiconductor Corp. PDF0903 Datasheet HTML 3Page - Potens Semiconductor Corp. PDF0903 Datasheet HTML 4Page - Potens Semiconductor Corp. PDF0903 Datasheet HTML 5Page - Potens Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Potens semiconductor corp.
Ver.1.03
5
PDF0903
100V P-Channel MOSFETs
Symbol
Dimensions In Millimeters
Dimensions In Inches
Min
Max
Min
Max
A
9.860
10.460
0.389
0.411
A1
3.100
3.500
0.122
0.138
B1
15.450
16.300
0.608
0.642
B2
4.400
5.000
0.173
0.197
B3
6.280
7.100
0.247
0.280
C
3.100
3.500
0.122
0.138
C1
12.270
12.870
0.483
0.507
C2
9.600
10.520
0.378
0.414
D
2.540BSC
0.1BSC
D1
1.070
1.470
0.042
0.058
D2
0.600
1.000
0.024
0.039
K
2.800
3.500
0.110
0.138
E1
2.340
2.740
0.092
0.108
E3
0.350
0.650
0.014
0.026
E4
2.460
2.960
0.097
0.117
TO220F PACKAGE INFORMATION



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com