Electronic Components Datasheet Search
  English  ▼

X  

ST200M Datasheet(PDF) 1 Page - ABB

Part # ST200M
Description  Miniature Circuit Breaker - ST200M
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

ST200M Datasheet(HTML) 1 Page - ABB

  ST200M Datasheet HTML 1Page - ABB ST200M Datasheet HTML 2Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Miniature Circuit Breaker - ST200M
ST203M-C25
Extended Product Type
ST203M-C25
Product ID
2CDS273334R0254
EAN
4016779024082
Catalog Description
Miniature Circuit Breaker - ST200M
Long Description
ST203M-C25 Miniature Circuit Breaker ST203M-C25 Miniature Circuit Breaker C-Char., 10kA, 25A, 3P
—
General Information
1 piece
Minimum Order Quantity
85362010
Customs Tariff Number
Ordering
—
9AKK107046A3150
Data Sheet, Technical Information
9AKK107046A3150
Instructions and Manuals
Popular Downloads
—
52.5 mm
Product Net Width
69 mm
Product Net Depth / Length
88 mm
Product Net Height
0.345 kg
Product Net Weight
Dimensions
—
2CDK400679D2701
Declaration of Conformity - CE
9AKK107046A3150
Instructions and Manuals
2CDK400680D0201
RoHS Information
Certificates and Declarations (Document Number)
—
1 piece
Package Level 1 Units
57 mm
Package Level 1 Width
93 mm
Package Level 1 Depth / Length
80 mm
Package Level 1 Height
Container Information
—


Similar Part No. - ST200M

ManufacturerPart #DatasheetDescription
logo
RFbeam Microwave GmbH
ST200 RFBEAM-ST200 Datasheet
653Kb / 2P
Radar Evaluation Kit
logo
Littelfuse
ST20001C LITTELFUSE-ST20001C Datasheet
685Kb / 3P
Power Thermistors Inrush Current Limiting Power Thermistor
ST20002B LITTELFUSE-ST20002B Datasheet
685Kb / 3P
Power Thermistors Inrush Current Limiting Power Thermistor
logo
Seagate Technology LLC
ST2000DM006 SEAGATE-ST2000DM006 Datasheet
791Kb / 38P
7200 RPM spindle speed.
Rev. A
ST2000DM007 SEAGATE-ST2000DM007 Datasheet
791Kb / 38P
7200 RPM spindle speed.
Rev. A
More results

Similar Description - ST200M

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
HOM115 SCHNEIDER-HOM115 Datasheet
96Kb / 2P
MINIATURE CIRCUIT BREAKER 120V - 15A
Nov 21, 2019
HOM115C SCHNEIDER-HOM115C Datasheet
112Kb / 2P
MINIATURE CIRCUIT BREAKER 120V 15A
HOM115CP1235 SCHNEIDER-HOM115CP1235 Datasheet
112Kb / 2P
MINIATURE CIRCUIT BREAKER 120V 15A
HOM120CP SCHNEIDER-HOM120CP Datasheet
112Kb / 2P
MINIATURE CIRCUIT BREAKER 120V 20A
HOM130C SCHNEIDER-HOM130C Datasheet
113Kb / 2P
MINIATURE CIRCUIT BREAKER 120V 30A
EDB36015AABASA SCHNEIDER-EDB36015AABASA Datasheet
55Kb / 1P
MINIATURE CIRCUIT BREAKER 600V 15A
Jun 17, 2020
EJB14030SA SCHNEIDER-EJB14030SA Datasheet
113Kb / 2P
MINIATURE CIRCUIT BREAKER 277V 30A
Jun 17, 2020
EJB14050SA SCHNEIDER-EJB14050SA Datasheet
112Kb / 2P
MINIATURE CIRCUIT BREAKER 277V 50A
Jun 17, 2020
logo
PHOENIX CONTACT
103906 PHOENIX-103906 Datasheet
625Kb / 12P
Electronic miniature circuit-breaker
09/2009
logo
Schneider Electric
NS80H SCHNEIDER-NS80H Datasheet
177Kb / 3P
MINIATURE CIRCUIT BREAKER 50A
17 October 2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com