Electronic Components Datasheet Search
  English  ▼

X  

TAS5706PAP Datasheet(PDF) 47 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5706PAP
Description  20-W Stereo Digital Audio Power Amplifier with EQ and DRC
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5706PAP Datasheet(HTML) 47 Page - Texas Instruments

Back Button TAS5706PAP Datasheet HTML 43Page - Texas Instruments TAS5706PAP Datasheet HTML 44Page - Texas Instruments TAS5706PAP Datasheet HTML 45Page - Texas Instruments TAS5706PAP Datasheet HTML 46Page - Texas Instruments TAS5706PAP Datasheet HTML 47Page - Texas Instruments TAS5706PAP Datasheet HTML 48Page - Texas Instruments TAS5706PAP Datasheet HTML 49Page - Texas Instruments TAS5706PAP Datasheet HTML 50Page - Texas Instruments TAS5706PAP Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 62 page
background image
www.ti.com
VOLUME REGISTERS (0x07, 0x08, 0x09, 0x0A, 0x0B, 0x0C, 0x0D)
VOLUME CONFIGURATION REGISTER (0x0E)
TAS5706
SLOS550A – DECEMBER 2007 – REVISED DECEMBER 2007
Step size is 0.5 dB.
Master volume
– 0x07 (default is mute)
Channel-1 volume
– 0x08 (default is 0 dB)
Channel-2 volume
– 0x09 (default is 0 dB)
Channel-3 volume
– 0x0A (default is 0 dB)
Channel-4 volume
– 0x0B (default is 0 dB)
Headphone volume
– 0x0C (default is 0 dB)
Channel-6 volume
– 0x0D (default is 0 dB)
(subwoofer)
Table 10. Volume Register
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
0
0
0
0
0
0
0
0
24 dB
0
0
1
1
0
0
0
0
0 dB (default for individual channel volume) (1)
1
1
1
1
1
1
1
0
–100 dB
1
1
1
1
1
1
1
1
MUTE (default for master volume); 50% duty cycle at output – SOFT MUTE (1)
(1)
Default values are in bold.
Bit D7:
Reserved = 1
Bit D6:
If 0, then biquad 1 (BQ1) volume compensation part only is disabled (default). If 1, then BQ1
volume compensation is enabled.
Bit D4:
Reserved = 1
Bit D3:
Reserved
Bits D2–D0:
Volume slew rate (Used to control volume change and MUTE ramp rates)
Table 11. Volume Control Register (0x0E)
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
1
–
–
–
–
–
–
–
Reserved (must be 1)
–
0
–
–
–
–
–
–
Disable biquad volume compensation (1)
–
1
–
–
–
–
–
–
Enable biquad volume compensation
–
–
0
–
–
–
–
–
Reserved (1)
–
–
–
1
–
–
–
–
Reserved (must be 1) (1)
–
–
–
–
0
–
–
–
Reserved (1)
–
–
–
–
–
0
0
0
Volume slew 512 steps (44 ms volume ramp time)
–
–
–
–
–
0
0
1
Volume slew 1024 steps(1) (88 ms volume ramp time)
–
–
–
–
–
0
1
0
Volume slew 2048 steps (176 ms volume ramp time)
–
–
–
–
–
0
1
1
Volume slew 256 steps (22 ms volume ramp time)
–
–
–
–
–
1
X
X
Reserved
(1)
Default values are in bold.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
47
Product Folder Link(s): TAS5706



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com