Electronic Components Datasheet Search
  English  ▼

X  

PS9601 Datasheet(PDF) 1 Page - NEC

Part # PS9601
Description  HIGH ISOLATION VOLTAGE HIGH SPEED PHOTOCOUPLER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS9601 Datasheet(HTML) 1 Page - NEC

  PS9601 Datasheet HTML 1Page - NEC PS9601 Datasheet HTML 2Page - NEC PS9601 Datasheet HTML 3Page - NEC PS9601 Datasheet HTML 4Page - NEC PS9601 Datasheet HTML 5Page - NEC PS9601 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
HIGH ISOLATION VOLTAGE
HIGH SPEED PHOTOCOUPLER
PS9601
PS9601L
FEATURES
•
HIGH ISOLATION VOLTAGE
BV: 5 k Vr.m.s. MIN
•
HIGH PROPAGATION DELAY TIME
tPHL, tPLH: 50 ns TYP
•
LOW INPUT CURRENT
IFHL: 2.5 mA TYP
•
CAN BE SOLDERED BY INFRARED REFLOW
SOLDERING
•
TAPING PRODUCT NUMBER PS9601L-E3, E4
DESCRIPTION
PS9601 and PS9601L are optically coupled isolators contain-
ing a GaAIAs LED on the light emitting side (input side), and
a photodiode and a signal processing circuit on the light
receiving side (output side), on one chip. PS9601 is in a plastic
DIP (Dual In-Line Package) and PS9601L is in a lead bending
type (Gull-wing) for surface mount.
APPLICATIONS
•
COMPUTER AND PERIPHERAL MEMORY
•
ELECTRONIC INSTRUMENT
•
AUDIO-VISUAL
ESD SENSITIVE
PART NUMBER
PS9601, PS9601L
SYMBOLS
PARAMETERS
UNITS
MIN
TYP
MAX
VF
Forward Voltage, IF = 10 mA, TA = 25 °CV
1.4
1.65
1.9
IR
Reverse Current, VR = 5 V, TA = 25 °C
µA10
Ct
Capacitance, V = 0, f = 1 MHz, TA = 25 °CpF
60
IOH
High Level Output Current
µA2
250
VCC = VO = 5.5 V, IF = 250 µs, VE = 2 V
VOL
Low Level Output Voltage
V
0.2
0.6
VCC = 5.5 V, IF = 5 mA, VE = 2 V, IO = 13 mA
ICCH
High Level Supply Current, VCC = 5.5 V, VE = 0.5 V, IF = 0
mA
5
7
10
ICCL
Low Level Supply Current, VCC = 5.5 V, VE = 2 V, IF =10 mA
mA
10
13
18
IEH
High Level Enable Current, VCC = 5.5 V, VEH = 2 V
mA
-0.7
-1
-1.5
IEL
Low Level Enable Current, VCC = 5.5 V, VEL = 0.5 V
mA
-1
-1.4
-2
IFHL
Threshhold Input Current, High → Low
mA
0.5
2.5
5
VCC = 5 V, VE = 2 V, TA = -40 to +85 °C, Vo = 0.8 V,
RL = 350 Ω
R1-2
Isolation Resistance, Vin-out = 1 k VDC, RH 40 to 60 %
Ω
1011
C1-2
Isolation Capacitance, V = 0, f = 1 MHz
pF
0.6
tPHL
Propagation Delay Time1, High → Low,
ns
50
75
Vcc = 5 V, IF = 7.5 mA, RL = 350 Ω, CL= 15 pF
tPLH
Propagation Delay Time1, Low → High,
ns
50
75
Vcc = 5 V, IF = 7.5 mA, RL = 350 Ω, CL= 15 pF
tr
Rise Time, Vcc = 5 V, IF = 7.5 mA, RL = 350 Ω, CL= 15 pF
ns
20
tf
Fall Time, Vcc = 5 V, IF = 7.5 mA, RL = 350 Ω, CL= 15 pF
ns
10
tEHL
Enable Propagation2, Delay Time, High → Low
ns
10
VCC = 5 V, IF = 7.5 mA, VEH = 3 V, VEL = 0.5 V, RL = 350 Ω,
CL = 15 pF
tELH
Enable Propagation2, Delay Time, Low → High
ns
25
VCC = 5 V, IF = 7.5 mA, VEH = 3 V, VEL = 0.5 V, RL = 350 Ω,
CL = 15 pF
ELECTRICAL CHARACTERISTICS (TA = -40 to +85 °C)
Notes: See Next Page


Similar Part No. - PS9601

ManufacturerPart #DatasheetDescription
logo
NEC
PS9601 NEC-PS9601 Datasheet
64Kb / 8P
HIGH ISOLATION VOLTAGE HIGH SPEED PHOTOCOUPLER
logo
California Eastern Labs
PS9601 CEL-PS9601 Datasheet
59Kb / 6P
HIGH ISOLATION VOLTAGE HIGH SPEED PHOTOCOUPLER
logo
NEC
PS9601L NEC-PS9601L Datasheet
64Kb / 8P
HIGH ISOLATION VOLTAGE HIGH SPEED PHOTOCOUPLER
logo
California Eastern Labs
PS9601L CEL-PS9601L Datasheet
59Kb / 6P
HIGH ISOLATION VOLTAGE HIGH SPEED PHOTOCOUPLER
More results

Similar Description - PS9601

ManufacturerPart #DatasheetDescription
logo
NEC
PS9601 NEC-PS9601 Datasheet
64Kb / 8P
HIGH ISOLATION VOLTAGE HIGH SPEED PHOTOCOUPLER
PS2513-1 NEC-PS2513-1 Datasheet
156Kb / 7P
HIGH-SPEED SWITCHING/HIGH ISOLATION VOLTAGE PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2514-1 RENESAS-PS2514-1 Datasheet
235Kb / 16P
HIGH-SPEED SWITCHING/HIGH ISOLATION VOLTAGE PHOTOCOUPLER SERIES
PS2513-1 RENESAS-PS2513-1 Datasheet
255Kb / 16P
HIGH-SPEED SWITCHING/HIGH ISOLATION VOLTAGE PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2514-1 CEL-PS2514-1 Datasheet
605Kb / 15P
HIGH-SPEED SWITCHING/HIGH ISOLATION VOLTAGE PHOTOCOUPLER SERIES
PS9601 CEL-PS9601 Datasheet
59Kb / 6P
HIGH ISOLATION VOLTAGE HIGH SPEED PHOTOCOUPLER
PS2513-1 CEL-PS2513-1 Datasheet
269Kb / 15P
HIGH-SPEED SWITCHING/HIGH ISOLATION VOLTAGE PHOTOCOUPLER SERIES
PS2806-4-A CEL-PS2806-4-A Datasheet
397Kb / 14P
HIGH ISOLATION VOLTAGE HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2513-1 RENESAS-PS2513-1_15 Datasheet
248Kb / 16P
HIGH-SPEED SWITCHING/HIGH ISOLATION VOLTAGE PHOTOCOUPLER SERIES
PS2514-1 RENESAS-PS2514-1_15 Datasheet
227Kb / 16P
HIGH-SPEED SWITCHING/HIGH ISOLATION VOLTAGE PHOTOCOUPLER SERIES
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com