Electronic Components Datasheet Search
  English  ▼

X  

LTS455HTW Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LTS455HTW
Description  Ceramic Filter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LTS455HTW Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LTS455HTW Datasheet HTML 1Page - List of Unclassifed Manufacturers LTS455HTW Datasheet HTML 2Page - List of Unclassifed Manufacturers LTS455HTW Datasheet HTML 3Page - List of Unclassifed Manufacturers LTS455HTW Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SSHHOOUULLDDEERR
SHOULDER INDÚSTRIA ELETRÔNICA LTDA
Page 2 of 4
Rua Vereador Antonio Zamarioni, 105 (Portal de Extrema)
CEP 37640-000 Extrema / MG
www.hdshoulder.com.br
L
LT
TS
S......W
W
Scope
This specification shall cover the characteristics of the XT…MB Ceramic Filter.
Table 1
Part Number
Center
Frequency
In (KHz)
Insertion
Loss (dB)
Pass Band
Ripple (dB) max
6dB
Bandwidth
(KHz) min
50dB
Bandwidth
(KHz) min
Stop Band
Att. 10KHz
(dB) min
Input/Output
Impedance
(Ω)
LTS450BW
450 + 2.0
4
2
+
15
+
30
45
1500
LTS455BW
455 + 2.0
4
2
+
15
+
30
45
1500
LTS450CW
450 + 2.0
4
2
+
12.5
+
24
45
1500
LTS455CV
455 + 2.0
4
2
+
12.5
+
24
45
1500
LTS450DW
450 + 1.5
4
2
+
10
+
20
45
1500
LTS455DW
455 + 1.5
4
2
+
10
+
20
45
1500
LTS450EW
450 + 1.5
6
2
+
7.5
+
15
45
1500
LTS455EW
455 + 1.5
6
2
+
7.5
+
15
45
1500
LTS450FW
450 + 1.5
6
2
+
6
+
12.5
45
2000
LTS455FW
455 + 1.5
6
2
+
6
+
12.5
45
2000
LTS450GW
450 + 1.5
6
2
+
4.5
+
10
45
2000
LTS455GW
455 + 1.5
6
2
+
4.5
+
10
45
2000
LTS450HW
450 + 1.0
6
2
+
3
+
9
45
2000
LTS455HW
455 + 1.0
6
2
+
3
+
9
45
2000
LTS450IW
450 + 1.0
6
2
+
2
+
7.5
45
2000
LTS455IW
455 + 1.0
6
2
+
2
+
7.5
45
2000
LTS450HTW
450 + 1.0
6
2
+
3
+
9
60
2000
LTS455HTW
455 + 1.0
6
2
+
3
+
9
60
2000
Ceramic Filters LTM 455/450W Series are miniaturized versions of
the CFU/CFWS lines. These compact, highly selective
characteristics are recommended for use in applications ranging
from two-way radio to auxiliary filters in high class
transceivers.These ultra-miniature versions consume approximately
40% less volume while still offering the same high performance
characteristics.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com