Electronic Components Datasheet Search
  English  ▼

X  

CIL2328A Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CIL2328A
Description  SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CIL2328A Datasheet(HTML) 1 Page - Continental Device India Limited

  CIL2328A Datasheet HTML 1Page - Continental Device India Limited CIL2328A Datasheet HTML 2Page - Continental Device India Limited CIL2328A Datasheet HTML 3Page - Continental Device India Limited CIL2328A Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SILICON PLANAR EPITAXIAL TRANSISTORS
CIL928A
PNP
CIL2328A NPN
TO-92
Plastic Package
For use in Audio Power Amplifier
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
SYMBOL
UNITS
Collector Base Voltage
VCBO
V
Collector Emitter Voltage
VCEO
V
Emitter Base Voltage
VEBO
V
Collector Current Continuous
IC
A
Collector Current Peak
ICM
A
Power Dissipation @ Ta=25ºC
PD
W
Operating and Storage Junction
Temperature Range
Tj, Tstg
ºC
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNITS
Collector Base Voltage
VCBO
IC=100µA, IE=0
30
V
Collector Emitter Voltage
VCEO
IC=10mA, IB=0
30
V
Emitter Base Voltage
VEBO
IE=1mA, IC=0
5
V
Collector Cut off Current
ICBO
VCB=30V, IE = 0
0.1
µA
Emitter Cut off Current
IEBO
VEB=5V, IC = 0
0.1
µA
DC Current Gain
*hFE
VCE=2V, IC=500mA
100
320
Collector Emitter Saturation Voltage
*VCE(sat)
IC=1.5A, IB=30mA
2.0
V
Base Emitter On Voltage
*VBE(on)
VCE=2V, IC=500mA
1.0
V
Transition Frequency
fT
IC=500mA, VCE=2V
120
MHz
Output Capacitance
Cob
IE=0, VCB=10V, f=1MHz
NPN
30
pF
PNP
48
pF
*hFE Classification
*Pulse Test: Pulse Width <300
µµs, Duty Cycle<2%
0.7
- 55 to +150
1.5
2.0
O : 100 - 200 ,
Y : 160 - 320
VALUE
30
30
5.0
E C
B
Continental Device India Limited
Data Sheet
Page 1 of 4
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - CIL2328A

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CIL2383 CDIL-CIL2383 Datasheet
108Kb / 3P
NPN COMPLEMENTARY SILICON TRANSISTOR
CIL2383BPL CDIL-CIL2383BPL Datasheet
108Kb / 3P
NPN COMPLEMENTARY SILICON TRANSISTOR
More results

Similar Description - CIL2328A

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CMBT5087 CDIL-CMBT5087 Datasheet
155Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
CMMT591 CDIL-CMMT591 Datasheet
137Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Comset Semiconductor
2N1613 COMSET-2N1613 Datasheet
214Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
2N2218A COMSET-2N2218A Datasheet
209Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
BSS50A COMSET-BSS50A Datasheet
171Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Continental Device Indi...
CSAL1013PNP CDIL-CSAL1013PNP Datasheet
705Kb / 4P
SILICON PLANAR EPITAXIAL TRANSISTORS
CNL635 CDIL-CNL635 Datasheet
348Kb / 5P
SILICON PLANAR EPITAXIAL TRANSISTORS
BCY70 CDIL-BCY70 Datasheet
238Kb / 5P
SILICON PLANAR EPITAXIAL TRANSISTORS
BC817 CDIL-BC817 Datasheet
204Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
BC212L CDIL-BC212L Datasheet
82Kb / 4P
SILICON PLANAR EPITAXIAL TRANSISTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com