Electronic Components Datasheet Search
  English  ▼

X  

D7E2 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # D7E2
Description  Sealed Vibration Sensors and Tilt Sensor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D7E2 Datasheet(HTML) 2 Page - Omron Electronics LLC

  D7E2 Datasheet HTML 1Page - Omron Electronics LLC D7E2 Datasheet HTML 2Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
D7E
Sealed Vibration Sensors and Tilt Sensor
■ Dimensions (Unit: mm)
D7E-
@
■ Safety Precautions
• If the mounting surface is not level, deformation from mounting
may adversely affect operating characteristics.
Do not use a mounting surface with warpage of more than 0.3
mm. Use M3 mounting screws and tighten them to 0.39 to
0.59 N·m.
Use washers or other means to prevent loosening of the
screws when mounting.
• Do not subject the Sensor to direct sunlight.
• Also, OMRON is not responsible for the deterioration of func-
tions caused by washing with water, submersion in water, oil
leaks, or contact with organic solvents.
• Do not use the Sensor in any location where vibration would
adversely affect the operating acceleration or other mechani-
cal characteristics (such as locations affected by opening and
closing of doors, locations with passing vehicles, or other loca-
tions that are subject to vibration or shock from equipment or
other sources).
2.9
21
36.4
23.6
(31.1)
23.6 dia.
22 dia.
(9.5)
23.1
5.3
2.3
30
20
2-#187 tab/soldering
terminal (thickness: 0.5)
4.8
5.9
5.9
Four, 12.85 radius
Four, 1 radius
R3.4
+0.15
−0.05
3.1 +0.15
−0.05
4 dia.
6.4
(developed length)
10
dia.
3.1
30
Two, M3 holes
Mounting Hole Dimensions
Note: Mounting Procedure
Pitch: 30 mm, two M3 mounting
screws, product height at
mounting screw section: 5.3 mm
• Application examples provided in this document are for reference only. In actual applications, confirm equipment functions and safety before using the product.
• Consult your OMRON representative before using the product under conditions which are not described in the manual or applying the product to nuclear control systems, railroad
systems, aviation systems, vehicles, combustion systems, medical equipment, amusement machines, safety equipment, and other systems or equipment that may have a serious
influence on lives and property if used improperly. Make sure that the ratings and performance characteristics of the product provide a margin of safety for the system or
equipment, and be sure to provide the system or equipment with double safety mechanisms.
Cat. No. A217-E1-02
1014(O)
Note: Do not use this document to operate the Unit.
OMRON Corporation
Electronic and Mechanical Components Company
Contact: www.omron.com/ecb



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com