Electronic Components Datasheet Search
  English  ▼

X  

18B20 Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # 18B20
Description  Programmable Resolution 1-Wire Digital Thermometer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

18B20 Datasheet(HTML) 2 Page - Dallas Semiconductor

  18B20 Datasheet HTML 1Page - Dallas Semiconductor 18B20 Datasheet HTML 2Page - Dallas Semiconductor 18B20 Datasheet HTML 3Page - Dallas Semiconductor 18B20 Datasheet HTML 4Page - Dallas Semiconductor 18B20 Datasheet HTML 5Page - Dallas Semiconductor 18B20 Datasheet HTML 6Page - Dallas Semiconductor 18B20 Datasheet HTML 7Page - Dallas Semiconductor 18B20 Datasheet HTML 8Page - Dallas Semiconductor 18B20 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
DS18B20
2 of 21
ORDER INFORMATION
ORDERING
NUMBER
PACKAGE
MARKING
DESCRIPTION
DS18B20
18B20
DS18B20 in 3-pin TO92
DS18B20/T&R
18B20
DS18B20 in 3-pin TO92, 2000 Piece Tape-and-Reel
DS18B20+
18B20 (See Note)
DS18B20 in Lead-Free 3-pin TO92
DS18B20+T&R
18B20 (See Note)
DS18B20 in Lead-Free 3-pin TO92, 2000 Piece Tape-
and-Reel
DS18B20U
18B20
DS18B20 in 8-pin uSOP
DS18B20U/T&R
18B20
DS18B20 in 8-pin uSOP, 3000 Piece Tape-and-Reel
DS18B20U+
18B20 (See Note)
DS18B20 in Lead-Free 8-pin uSOP
DS18B20U+T&R
18B20 (See Note)
DS18B20 in Lead-Free 8-pin uSOP, 3000 Piece Tape-
and-Reel
DS18B20Z
DS18B20
DS18B20 in 150 mil 8-pin SO
DS18B20Z/T&R
DS18B20
DS18B20 in 150 mil 8-pin SO, 2500 Piece Tape-and-
Reel
DS18B20Z+
DS18B20 (See Note)
DS18B20 in Lead-Free 150 mil 8-pin SO
DS18B20Z+T&R
DS18B20 (See Note)
DS18B20 in Lead-Free 150 mil 8-pin SO, 2500 Piece
Tape-and-Reel
Note: A “+” symbol will also be marked on the package.
DETAILED PIN DESCRIPTIONS Table 1
SO*
μSOP* TO-92 SYMBOL DESCRIPTION
5
4
1
GND
Ground.
4
1
2
DQ
Data Input/Output pin. Open-drain 1-Wire interface pin.
Also provides power to the device when used in parasite
power mode (see “Parasite Power” section.)
3
8
3
VDD
Optional VDD pin. VDD must be grounded for operation in
parasite power mode.
*All pins not specified in this table are “No Connect” pins.
OVERVIEW
Figure 1 shows a block diagram of the DS18B20, and pin descriptions are given in Table 1. The 64-bit
ROM stores the device’s unique serial code. The scratchpad memory contains the 2-byte temperature
register that stores the digital output from the temperature sensor. In addition, the scratchpad provides
access to the 1-byte upper and lower alarm trigger registers (TH and TL), and the 1-byte configuration
register. The configuration register allows the user to set the resolution of the temperature-to-digital
conversion to 9, 10, 11, or 12 bits. The TH, TL and configuration registers are nonvolatile (EEPROM), so
they will retain data when the device is powered down.
The DS18B20 uses Dallas’ exclusive 1-Wire bus protocol that implements bus communication using one
control signal. The control line requires a weak pullup resistor since all devices are linked to the bus via a
3-state or open-drain port (the DQ pin in the case of the DS18B20). In this bus system, the
microprocessor (the master device) identifies and addresses devices on the bus using each device’s unique
64-bit code. Because each device has a unique code, the number of devices that can be addressed on one
bus is virtually unlimited. The 1-Wire bus protocol, including detailed explanations of the commands and
“time slots,” is covered in the 1-WIRE BUS SYSTEM section of this datasheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com