Electronic Components Datasheet Search
  English  ▼

X  

ISO7760DWR Datasheet(PDF) 23 Page - Texas Instruments

Part # ISO7760DWR
Description  ISO776x High-speed, robust EMC, reinforced six-channel digital isolators
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7760DWR Datasheet(HTML) 23 Page - Texas Instruments

Back Button ISO7760DWR Datasheet HTML 19Page - Texas Instruments ISO7760DWR Datasheet HTML 20Page - Texas Instruments ISO7760DWR Datasheet HTML 21Page - Texas Instruments ISO7760DWR Datasheet HTML 22Page - Texas Instruments ISO7760DWR Datasheet HTML 23Page - Texas Instruments ISO7760DWR Datasheet HTML 24Page - Texas Instruments ISO7760DWR Datasheet HTML 25Page - Texas Instruments ISO7760DWR Datasheet HTML 26Page - Texas Instruments ISO7760DWR Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 52 page
background image
5.19 Typical Characteristics
Data rate (Mbps)
0
25
50
75
100
0
4
8
12
16
20
24
28
32
36
40
44
ICC1 at 2.5 V
ICC1 at 3.3 V
ICC1 at 5 V
ICC2 at 2.5 V
ICC2 at 3.3 V
ICC2 at 5 V
TA = 25°C
CL = 15 pF
Figure 5-5. ISO7760 Supply Current vs Data Rate
(With 15-pF Load)
Data rate (Mbps)
0
25
50
75
100
0
2
4
6
8
10
12
14
16
ICC1 at 2.5 V
ICC1 at 3.3 V
ICC1 at 5 V
ICC2 at 2.5 V
ICC2 at 3.3 V
ICC2 at 5 V
TA = 25°C
CL = No Load
Figure 5-6. ISO7760 Supply Current vs Data Rate
(With No Load)
Data rate (Mbps)
0
25
50
75
100
0
4
8
12
16
20
24
28
32
36
ICC1 at 2.5 V
ICC1 at 3.3 V
ICC1 at 5 V
ICC2 at 2.5 V
ICC2 at 3.3 V
ICC2 at 5 V
TA = 25°C
CL = 15 pF
Figure 5-7. ISO7761 Supply Current vs Data Rate
(With 15-pF Load)
Data rate (Mbps)
0
25
50
75
100
0
2
4
6
8
10
12
14
16
ICC1 at 2.5 V
ICC1 at 3.3 V
ICC1 at 5 V
ICC2 at 2.5 V
ICC2 at 3.3 V
ICC2 at 5 V
TA = 25°C
CL = No Load
Figure 5-8. ISO7761 Supply Current vs Data Rate
(With No Load)
Data rate (Mbps)
0
25
50
75
100
0
4
8
12
16
20
24
28
32
ICC1 at 2.5 V
ICC1 at 3.3 V
ICC1 at 5 V
ICC2 at 2.5 V
ICC2 at 3.3 V
ICC2 at 5 V
TA = 25°C
CL = 15 pF
Figure 5-9. ISO7762 Supply Current vs Data Rate
(With 15-pF Load)
Data rate (Mbps)
0
25
50
75
100
0
2
4
6
8
10
12
14
16
18
ICC1 at 2.5 V
ICC1 at 3.3 V
ICC1 at 5 V
ICC2 at 2.5 V
ICC2 at 3.3 V
ICC2 at 5 V
TA = 25°C
CL = No Load
Figure 5-10. ISO7762 Supply Current vs Data Rate
(With No Load)
www.ti.com
ISO7760, ISO7761, ISO7762, ISO7763
SLLSER1H – AUGUST 2017 – REVISED JANUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: ISO7760 ISO7761 ISO7762 ISO7763



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com