Electronic Components Datasheet Search
  English  ▼

X  

EMC1422 Datasheet(PDF) 8 Page - SMSC Corporation

Part # EMC1422
Description  1째C Temperature Sensor with Hardware Thermal Shutdown
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1422 Datasheet(HTML) 8 Page - SMSC Corporation

Back Button EMC1422 Datasheet HTML 4Page - SMSC Corporation EMC1422 Datasheet HTML 5Page - SMSC Corporation EMC1422 Datasheet HTML 6Page - SMSC Corporation EMC1422 Datasheet HTML 7Page - SMSC Corporation EMC1422 Datasheet HTML 8Page - SMSC Corporation EMC1422 Datasheet HTML 9Page - SMSC Corporation EMC1422 Datasheet HTML 10Page - SMSC Corporation EMC1422 Datasheet HTML 11Page - SMSC Corporation EMC1422 Datasheet HTML 12Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
1°C Temperature Sensor with Hardware Thermal Shutdown
Datasheet
Revision 1.24 (02-05-08)
8
SMSC EMC1422
DATASHEET
Chapter 2 Pin Description
The pin types are described below:
Power - these pins are used to supply either VDD or GND to the device.
AIO - Analog Input / Output.
DI - Digital Input.
OD - Open Drain Digital Output.
DIOD - Digital Input / Open Drain Output.
Table 2.1 EMC1422 Preliminary Pin Description
PIN NUMBER
NAME
FUNCTION
TYPE
1
VDD
Power supply
Power
2
DP
External diode positive (anode)
connection
AIO
3
DN
External diode negative (cathode)
connection
AIO
4
SYS_SHDN
Active low System Shutdown output
signal - requires pull-up resistor
which selects the Hardware
Thermal Shutdown Limit
OD
5
GND
Ground
Power
6ALERT
Active low digital ALERT output
signal - requires pull-up resistor,
OD
7
SMDATA
SMBus Data input/output
DIOD
8
SMCLK
SMBus Clock input
DI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com