Electronic Components Datasheet Search
  English  ▼

X  

RW1065 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # RW1065
Description  64x32 Dot Matrix LCD Controller / Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RW1065 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  RW1065 Datasheet HTML 1Page - List of Unclassifed Manufacturers RW1065 Datasheet HTML 2Page - List of Unclassifed Manufacturers RW1065 Datasheet HTML 3Page - List of Unclassifed Manufacturers RW1065 Datasheet HTML 4Page - List of Unclassifed Manufacturers RW1065 Datasheet HTML 5Page - List of Unclassifed Manufacturers RW1065 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
RW1065
64x32 Dot Matrix LCD Controller / Driver
RockWorks Technology Corp.
6
(3)LCD Driver Circuit Signals
Name
I/O
Description
CLL
I/O
Input/output.
I/O selection
M/S = “H” & CLS = “H” :Output
M/S = “L” & CLS = “H” :Input
M/S = “X” & CLS = “L” :Input
This is a display data latch signal to count up the line counter and common counter
at each signal falling and rising edges.
SEGn
O
Output.
A single level of V0, V2, V3 and VSS is selected by the combination of display RAM contents
and FR signal.
COMn
O
Output.
The output pin for LCD common (row) driving. A single level of V0, V1, V4 and VSS is
selected by the combination of common counter output and FR signal. The
slave LSI has the reverse common output scan sequence than the master LSI.
FRR
I/O
Input/output.
This is the liquid crystal alternating current signal I/O terminal
l/O selection
M/S = “H”:Output
M/S = “L”:Input
VRAB
I
Provides the voltage between V0 and VSS through a resistive voltage divider.
M/S
I
Input.
The master or slave LSI operation select pin for the RW1065.
M/S
Operating
Mode
FR
CL
V0~V4
Power
Supply
Internal
OSC
COMMON
Output
SEG
output
High
Master Output
See
CLS
On
On
See
CLS
COM0-31 SEG0-63
Low
Slave
Input
Input
Off
Off
Off
COM32-
63
SEG64-
127



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com