Electronic Components Datasheet Search
  English  ▼

X  

IMX3102 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # IMX3102
Description  I3C Basic 2:1 Bus Multiplexer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IMX3102 Datasheet(HTML) 1 Page - Renesas Technology Corp

  IMX3102 Datasheet HTML 1Page - Renesas Technology Corp IMX3102 Datasheet HTML 2Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Short-Form Datasheet
IMX3102
I3C Basic 2:1 Bus Multiplexer
Feb.27.20
Page 1
Description
The IMX3102 is a 2:1 I3C basic bus multiplexer
switch with integrated Temperature Sensor for I3C
and I²C applications. It is designed to be used for
various motherboard applications.
There are two master ports (Master port 0 and
Master port 1) and one slave port. Any one of those
two Master ports can be selected as Active Master
which has the control of the slave port as well as the
IMX3102 itself.
Applications
•
Server boards
•
PCs/notebook motherboards
•
Embedded automation
Features
•
2:1 bus multiplexer
•
Two wire programmable I²C or I3C bus serial
interface
•
Single device load on the Host bus
•
Up to 12.5MHz transfer rate
•
Single 1.8V power supply input
•
1.0V VLDO output at VIO pin
•
Supports 1.0V, 1.1V, and 1.2V Push-Pull IO
levels
•
Supports 1.0V, 1.1V, 1.2V, 1.8V, 2.5V, and 3.3V
open-drain IO levels
•
Integrated Temperature Sensor; 0.5°C accuracy
with 0.25°C resolution
•
Packet Error Check (PEC) function, Parity Error
Check function
•
Bus reset function
•
In-band interrupt (IBI)
•
Programmable I²C, I3C bus addressing scheme
•
9-pin thermally enhanced DFN package
•
Temperature: Industrial range of -40°C to 125°C
Figure 1. Block Diagram


Similar Part No. - IMX3102

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IMX3112 RENESAS-IMX3112 Datasheet
116Kb / 2P
I3C Basic 1:2 Bus Multiplexer
Feb.27.20
More results

Similar Description - IMX3102

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100LVEL58 ONSEMI-MC100LVEL58 Datasheet
66Kb / 4P
2:1 Multiplexer
February, 2000 ??Rev. 1
logo
Fairchild Semiconductor
FST3257 FAIRCHILD-FST3257 Datasheet
96Kb / 5P
Quad 2:1 Multiplexer/Demultiplexer Bus Switch
logo
ON Semiconductor
74FST3257 ONSEMI-74FST3257 Datasheet
85Kb / 8P
Quad 2:1 Multiplexer/ Demultiplexer Bus Switch
January, 2005 ??Rev. 2
74FST3257 ONSEMI-74FST3257_07 Datasheet
96Kb / 8P
Quad 2:1 Multiplexer/Demultiplexer Bus Switch
January, 2007 ??Rev. 4
logo
Fairchild Semiconductor
NC7SB3257 FAIRCHILD-NC7SB3257_05 Datasheet
190Kb / 10P
2:1 Multiplexer/Demultiplexer Bus Switch
logo
ON Semiconductor
74FST3257 ONSEMI-74FST3257_11 Datasheet
145Kb / 8P
Quad 2:1 Multiplexer/ Demultiplexer Bus Switch
June, 2011 ??Rev. 7
74FST3257 ONSEMI-74FST3257_18 Datasheet
99Kb / 8P
Quad 2:1 Multiplexer/ Demultiplexer Bus Switch
May, 2018 ??Rev. 8
FST3257 ONSEMI-FST3257 Datasheet
575Kb / 12P
Quad 2:1 Multiplexer / Demultiplexer Bus Switch
May 2009 Rev. 1.0.3
NC7SB3257 ONSEMI-NC7SB3257 Datasheet
280Kb / 7P
2:1 Multiplexer/Demultiplexer Bus Switch
May 2016 Rev. 1.13
logo
Diodes Incorporated
PI3CSW12 DIODES-PI3CSW12 Datasheet
1Mb / 12P
High-Speed I3C 1:2 Multiplexer/DeMultiplexer Switch with Signal Enable
March 2021 Rev 4-2
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com