Electronic Components Datasheet Search
  English  ▼

X  

P8910 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # P8910
Description  PMIC with Step-Down Switching and LDO Regulators
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P8910 Datasheet(HTML) 1 Page - Renesas Technology Corp

  P8910 Datasheet HTML 1Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
P8910
PMIC with Step-Down Switching and LDO Regulators
R10DO0003EU0100 Rev.1.00
Page 1
Mar 15, 2022
Short-Form Datasheet
© 2022 Reneas Electronics
The P8910 is a highly integrated, highly efficient
PMIC with programmable precise output voltage
power solution for all DDR5 Server DIMM modules,
with four step-down switching output regulators and
three LDO output regulators. The PMIC is fully
compliant to the JEDEC DDR5 PMIC (PMIC5010;
Low Current PMIC) specification. The PMIC is
powered from two input power supplies (VIN_Mgmt
and VIN_Bulk) from the system board to power its
switching and LDO output regulators.
The P8910 has numerous advanced protection
schemes to protect itself as well to protect entire BOM
contents of DDR5 server DIMM modules. The PMIC
offers write protect operation to defend against
malicious attacks, and has an advanced I3C bus that
can operate at maximum speed of 12.5MHz with low
voltage I/O operation.
The PMIC is available in small 5 × 5 mm form factor in
VFQFPN package with enhanced solder joint
reliability and thermal dissipation.
Block Diagram
Typical Applications
• DDR5 RDIMM for Server/Workstations
• DDR5 LRDIMM for Server/Workstations
• DDR5 NVDIMM for Server/Workstations
Ordering Information
Features
• VIN_Bulk input supply range: 4.25V to 15.0V
• VIN_Mgmt input supply range: 3.0V to 3.6V
• Four step-down switching regulators: SWA, SWB,
SWC, and SWD
• Programmable dual-phase and single-phase
regulator for SWA and SWB
• Three LDO regulators: VBias, VOUT_1.8V,
VOUT_1.0V
• Automatic switchover from VIN_Mgmt input supply
to VIN_Bulk input supply
• Error injection capability
• Error log registers
• Write protect mode of operation
• Independently programmable output voltages,
power up and power down sequence for switch
regulators
• Input and output power-good status reporting
mechanism
• VIN_Bulk input supply protection feature: Input
overvoltage and input undervoltage
• Output switch regulators protection feature: Output
overvoltage, output undervoltage, output current
limiter
• Output current measurement, output current
threshold mechanism
• Temperature measurement, temperature warning
threshold, critical temperature shutdown
• Multi Time Programmable Non-Volatile Memory
• Programmable and DIMM specific registers for
customization
• General Status Interrupt Function
• Flexible Open-Drain IO (3.3V, 2.5V, 1.8V, or 1.2V or
1.1V or 1.0V) or Push-Pull IO (1.2V or 1.1V or 1.0V)
Support
Supply Interface
I2C & I3C, 2nd
I2C Interface
ADC, OSC, Logic
MTP
LDO
LDO
SWA
SWD
VIN_Bulk (12V)
VDD (1.1V)
VPP (1.8V)
VDDQ (1.1V)
1.0V
1.8V
SWB
SWC
LDO (VBIAS)
5.0V
VIN_Mgmt (3.3V)
Part Number
Package Description
Carrier Type
Temperature Range
Device Revision
P8910-X0Z001FNG
36-VFQFPN, 5 × 5 mm
Tray
-10 to 125°C
Revision B0
P8910-X0Z001FNG8
36-VFQFPN, 5 × 5 mm
Tape and Reel
-10 to 125°C


Similar Part No. - P8910

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
P8911 RENESAS-P8911 Datasheet
335Kb / 3P
PMIC for Client DDR5 Memory Modules
January 30, 2020
logo
Aplus Intergrated Circu...
P89170 APLUS-P89170 Datasheet
359Kb / 24P
VOICE OTP IC
More results

Similar Description - P8910

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1375 LINER-LT1375 Datasheet
232Kb / 28P
1.5A, 500kHz Step-Down Switching Regulators
logo
Gamma Microelectronics ...
GM7130 GAMMA-GM7130 Datasheet
244Kb / 14P
3A STEP-DOWN VOLTAGE SWITCHING REGULATORS
GM2574 GAMMA-GM2574 Datasheet
130Kb / 8P
1.5A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130HV GAMMA-GM7130HV Datasheet
143Kb / 9P
3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130 GAMMA-GM7130_1 Datasheet
142Kb / 9P
3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130 GAMMA-GM7130_13 Datasheet
501Kb / 10P
3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130_1312 GAMMA-GM7130_1312 Datasheet
2Mb / 10P
3A STEP DOWN VOLTAGE SWITCHING REGULATORS
logo
Linear Technology
LT1375 LINER-LT1375_15 Datasheet
511Kb / 28P
1.5A, 500kHz Step-Down Switching Regulators
LT1376 LINER-LT1376_15 Datasheet
511Kb / 28P
1.5A, 500kHz Step-Down Switching Regulators
logo
Shanghai Leiditech Elec...
GM7130HV LEIDITECH-GM7130HV Datasheet
696Kb / 10P
3A STEP DOWN VOLTAGE SWITCHING REGULATORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com