Electronic Components Datasheet Search
  English  ▼

X  

32229INS Datasheet(PDF) 2 Page - Klein Tools, Inc.

Part # 32229INS
Description  VDE INSULATED SCREWDRIVERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KLEIN [Klein Tools, Inc.]
Direct Link  https://www.kleintools.com/
Logo KLEIN - Klein Tools, Inc.

32229INS Datasheet(HTML) 2 Page - Klein Tools, Inc.

  32229INS Datasheet HTML 1Page - Klein Tools, Inc. 32229INS Datasheet HTML 2Page - Klein Tools, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.kleintools.co.uk
See our complete line of Insulated products
© 2016 Klein Tools, Inc.
Lincolnshire, IL 60069
MKT042516 Rev. 5/16 A
Slimmer tips* for easier access to circuit breakers
and other tight spaces. *32228INS & 32229INS are not slim-profile.
Ergonomic handle grip for
greater torque and comfort.
Anti-roll design prevents tool loss
Durable, molded insulation
to meet or exceed all VDE
standards for insulated tools.
1000 V
VDE INSULATED
SCREWDRIVERS
Cat.
No.
Tip
Type
Tip
Size
Shank
Length
Overall
Length
32228INS
cabinet-tip
2,5 mm
75 mm
180 mm
32229INS
cabinet-tip
3,0 mm
100 mm 180 mm
32230INS
cabinet-tip
3,5 mm
100 mm 190 mm
32243INS
cabinet-tip
4,0 mm
100 mm 190 mm
32244INS
cabinet-tip
5,5 mm
125 mm 225 mm
32245INS
cabinet-tip
6,5 mm
150 mm 260 mm
32246INS
Pozidriv®
#1
80 mm
180 mm
32247INS
Pozidriv®
#2
100 mm 210 mm
32258INS
Phillips-tip
#1
80 mm
180 mm
32259INS
Phillips-tip
#2
100 mm 210 mm
32268INS
5 Piece Set
32228INS, 32243INS, 32244INS,
32246INS, 32247INS
PoziDriv® is a registered trademark of the Phillips Screw Company.
Meet or exceed the IEC 60900
and ASTM F1505 standards
for insulated tools and are
clearly marked with the official
1000-volt rating symbol.
Order 6 units of 32268INS
and get the counter display.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com