Electronic Components Datasheet Search
  English  ▼

X  

STM32F101XB Datasheet(PDF) 72 Page - STMicroelectronics

Part # STM32F101XB
Description  Access line, advanced ARM-based 32-bit MCU with Flash memory, six 16-bit timers, ADC and seven communication interfaces
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F101XB Datasheet(HTML) 72 Page - STMicroelectronics

Back Button STM32F101XB Datasheet HTML 66Page - STMicroelectronics STM32F101XB Datasheet HTML 67Page - STMicroelectronics STM32F101XB Datasheet HTML 68Page - STMicroelectronics STM32F101XB Datasheet HTML 69Page - STMicroelectronics STM32F101XB Datasheet HTML 70Page - STMicroelectronics STM32F101XB Datasheet HTML 71Page - STMicroelectronics STM32F101XB Datasheet HTML 72Page - STMicroelectronics STM32F101XB Datasheet HTML 73Page - STMicroelectronics STM32F101XB Datasheet HTML 74Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 72 / 74 page
background image
Revision history
STM32F101xx
72/74
22-Nov-2007
4
Document status promoted from preliminary data to datasheet. Small text
changes.
STM32F101CB part number corrected in Table 1: Device summary.
Number of communication peripherals corrected for STM32F101Tx in
Table 2: Device features and peripheral counts (STM32F101xx access
line) and Number of GPIOs corrected for LQFP package.
Power supply schemes on page 10 modified.
Main function and default alternate function modified for PC14 and PC15
in Table 3: Pin definitions, Note 5 added, Remap column added.
Figure 10: Power supply scheme modified. VDD −VSS ratings modified
and Note 1 modified in Table 4: Voltage characteristics. Note 1 modified
in Table 5: Current characteristics.
Note 2 added in Table 9: Embedded reset and power control block
characteristics.
48 and 72 MHz frequencies removed from Table 11, Table 12 and
Table 13. MCU ‘s operating conditions modified in Typical current
consumption on page 35.
IDD_VBAT typical value at 2.4 V modified and IDD_VBAT maximum value
added in Table 14: Typical and maximum current consumptions in Stop
and Standby modes. Note added in Table 15 on page 35 and Table 16 on
page 36. Table 18: Peripheral current consumption modified.
Figure 15: Current consumption in Stop mode with regulator in Low-
power mode versus temperature at VDD = 3.3 V and 3.6 V added.
Note removed below Figure 24: SPI timing diagram - slave mode and
CPHA=0. Note added below Figure 25: SPI timing diagram - slave mode
and CPHA=1(1).
Figure 28: Typical connection diagram using the ADC modified.
tSU(HSE) and tSU(LSE) conditions modified in Table 21 and Table 22,
respectively. Maximum values removed from Table 25: Low-power mode
wakeup timings. tRET conditions modified in Table 28: Flash memory
endurance and data retention. Conditions modified in Table 29: EMS
characteristics.
Impedance size specified in A.4: Voltage glitch on ADC input 0 on
page 71. Small text changes in Table 34: Output voltage characteristics.
Section 5.3.11: Absolute maximum ratings (electrical sensitivity) updated.
Details on unused pins removed from General input/output
characteristics on page 48.
Table 40: SPI characteristics updated. Notes added and Ilkg removed in
Table 41: ADC characteristics. Note added in Table 42 and Table 45.
Note 2 and Note 3 added below Table 43: ADC accuracy - limited test
conditions. Avg_Slope and V25 modified in Table 45: TS characteristics.
ΘJAvalue for VFQFPN36 package added in Table 50: Thermal
characteristics
. I2C interface characteristics on page 52 modified.
Order codes replaced by Section 7: Ordering information scheme.
Table 52.
Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com