Electronic Components Datasheet Search
  English  ▼

X  

HSL278 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HSL278
Description  Silicon Schottky Barrier Diode for Detector
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSL278 Datasheet(HTML) 3 Page - Renesas Technology Corp

  HSL278 Datasheet HTML 1Page - Renesas Technology Corp HSL278 Datasheet HTML 2Page - Renesas Technology Corp HSL278 Datasheet HTML 3Page - Renesas Technology Corp HSL278 Datasheet HTML 4Page - Renesas Technology Corp HSL278 Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
HSL278
Rev.1.00 Apr 20, 2005 page 3 of 4
Main Characteristic
Fig.1 Forward current vs. Forward voltage
Fig.2 Reverse current vs. Reverse voltage
Fig.3 Capacitance vs. Reverse voltage
1.0
Forward voltage VF (V)
Reverse voltage VR (V)
Reverse voltage VR (V)
0
0.1
10
10
0.1
1.0
15
20
10
00.8
0.2
0.4
0.6
10
1
10
-8
10
-8
10
-7
10
-6
10
-5
10
-4
10
-7
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
1.0
Ta = 25
°C
Ta = 25
°C
Ta = 75
°C
5
f=1MHz
Ta = 75
°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com