Electronic Components Datasheet Search
  English  ▼

X  

STA32813TR Datasheet(PDF) 2 Page - STMicroelectronics

Part # STA32813TR
Description  2.1 HIGH EFFICIENCY DIGITAL AUDIO SYSTEM
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA32813TR Datasheet(HTML) 2 Page - STMicroelectronics

  STA32813TR Datasheet HTML 1Page - STMicroelectronics STA32813TR Datasheet HTML 2Page - STMicroelectronics STA32813TR Datasheet HTML 3Page - STMicroelectronics STA32813TR Datasheet HTML 4Page - STMicroelectronics STA32813TR Datasheet HTML 5Page - STMicroelectronics STA32813TR Datasheet HTML 6Page - STMicroelectronics STA32813TR Datasheet HTML 7Page - STMicroelectronics STA32813TR Datasheet HTML 8Page - STMicroelectronics STA32813TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
STA328
2/41
and bass/treble tone control. Automodes™ enable a time-to-market advantage by substantially reducing
the amount of software development needed for certain functions. This includes Auto Volume loudness,
preset volume curves, preset EQ settings, etc. New advanced AM radio inerference reduction modes.
The serial audio data input interface accepts all possible formats, including the popular I2S format.
Three channels of DDX® processing are provided. This high quality conversion from PCM audio to DDX's
patented tri-state PWM switching waveform provides over 100dB SNR and dynamic range.
3
ORDERING INFORMATION
Figure 2. Block Diagram
Figure 3. Channel Signal Flow Diagram through the Digital Core
3.1 EQ Processing
Two channels of input data (re-sampled if necessary) at 96 kHz are provided to the EQ processing block.
In this block, upto 4 user-defined Biquads can be appplied to each of the two channels.
Pre-scaling, dc-blocking high-pass, de-emphasis, bass, and tone control filters can also be applied based
on various configuration parameter settings.
The entire EQ block can be bypassed for all channels simulatneously by setting the DSPB bit to '1'. And
the CxEQBP bits can be used to bypass the EQ functionality on a per channel basis. Figure below shows
the internal signal flow through the EQ block.
Serial Data
Input,
Channel
Mapping &
Resampling
DDX
®
Processing
Quad
Half-Bridge
Power Stage
OUT1A
OUT1B
OUT2A
OUT2B
LRCKI
SDI_12
SDA
SCL
PLL
CLK
EAPD
BICKI
FAULT
TWARN
Power-Down
I
2C
System Contro
l
Audio EQ, Mix,
Crossver,
Volume, Limiter
Processing
System Timing
DDX-SPIRIT
Serial Data
Input,
Channel
Mapping &
Resampling
DDX
®
Processing
Quad
Half-Bridge
Power Stage
OUT1A
OUT1B
OUT2A
OUT2B
LRCKI
SDI_12
SDA
SCL
PLL
CLK
EAPD
BICKI
FAULT
TWARN
Power-Down
I
2C
System Contro
l
Audio EQ, Mix,
Crossver,
Volume, Limiter
Processing
System Timing
DDX-SPIRIT
Channel
Mapping
Re-sampling
EQ
Processing
Mix
Volume
Limiter
4X
Interp
DDX®
I
2S
Input
DDX
Output
Crossover
Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com