Electronic Components Datasheet Search
  English  ▼

X  

P822602. Datasheet(PDF) 1 Page - Kyocera Kinseki Corpotation

Part # P822602.
Description  Universal Broadband FR4Embedded LTE / LPWAAntenna
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

P822602. Datasheet(HTML) 1 Page - Kyocera Kinseki Corpotation

  P822602. Datasheet HTML 1Page - Kyocera Kinseki Corpotation P822602. Datasheet HTML 2Page - Kyocera Kinseki Corpotation P822602. Datasheet HTML 3Page - Kyocera Kinseki Corpotation P822602. Datasheet HTML 4Page - Kyocera Kinseki Corpotation P822602. Datasheet HTML 5Page - Kyocera Kinseki Corpotation P822602. Datasheet HTML 6Page - Kyocera Kinseki Corpotation P822602. Datasheet HTML 7Page - Kyocera Kinseki Corpotation P822602. Datasheet HTML 8Page - Kyocera Kinseki Corpotation P822602. Datasheet HTML 9Page - Kyocera Kinseki Corpotation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
DATASHEET
Part No. P822601/P822602
Product: Embedded FR4
Broadband LTE antenna
5/2/2018
Proprietary
www.ethertronics.com
Universal Broadband FR4
Embedded LTE Antenna
Low Band 700
– 1000 MHz
High Band 1700 - 2700 MHz
Electrical Specifications
Typical P822601/P822602 performance 140 x 50 mm PCB
Mechanical Specifications & Ordering Part Number
Ethertronics’ Universal Broadband Embedded LTE/LPWA antenna utilizes
Isolated Magnetic Dipole™ (IMD) technology which address the challenges
facing today’s product designers. IMD’s high performance and isolation
characteristics offer better connectivity and minimal interference.
Mirrored version variant offered as P822602.
Stays in Tune
IMD antenna technology provides superior RF field containment, resulting in less
interaction with surrounding components. Ethertronics IMD antennas resist
detuning; providing a robust radio link regardless of the usage position
Ethertronics antennas use patented IMD technology in many antenna
configurations to provide high performance. IMD antennas requires a smaller
design keep-out area, carry lower program development risk which
yields a quicker time-to-market, without sacrificing RF performance.
Part No. P822601 / P822602
Universal Broadband FR4 Embedded LTE / LPWA Antenna
700 / 750 / 850 / 900 / 1800 / 1900 / 2100 MHz
Supports: Broadband LTE (OCTA-BAND), LTE CAT-M, NB-IoT, SigFox, LoRa, Cellular LPWA, RPMA
Frequency (MHz)
698-960
1710-2200
2500-2700
Peak Gain
2.6 dBi
4.4 dBi
3.4 dBi
Average Efficiency
68%
76%
52%
VSWR Match
< 2.5:1
Polarization
Linear
Power Consumption
2 Watt CW
Feed Point Impedance
50
Ω unbalanced
Ordering Part #
P822601
P822602
Dimensions (mm)
49.6 x 8.0 x 3.2
49.6 x 8.0 x 3.2
Mounting Type
SMT (P&P)
Variant
P822602 : Mirrored version of P822601
Weight (grams)
2.63
Packaging
Tape and Reel
Demo Board
P822601-01 (P822601)
P822602-01 (P822602)
*Mirrored version offered as P822602
KEY BENEFITS
Reduced Costs and
Time-to-Market
Standard antenna eliminates
design fees and cycle time
associated with a custom solution;
getting products to market faster.
Greater Flexibility with
Unique Form Factors
Ethertronics’ technology helps you
deliver more advanced ergonomic
designs without adverse impact
on product performance.
Reliability
Comply with latest RoHS
requirements
APPLICATIONS
•
Medical
applications
•
Home
automation
•
Smart
metering
•
M2M,
Industrial
devices
•
IoT
•
Firstnet
•
Automotive
•
Healthcare
•
Point of Sale
•
Tracking
•
NB-IoT
•
Sigfox
•
LoRa
•
Cellular
LPWA
•
RPMA
•
LTE CAT-M


Similar Part No. - P822602.

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
P822602 AVX-P822602 Datasheet
2Mb / 16P
Universal Broadband FR4 Embedded LTE / LPWA Antenna
8/25/2022 Rev. 1
P822602-01 AVX-P822602-01 Datasheet
2Mb / 16P
Universal Broadband FR4 Embedded LTE / LPWA Antenna
8/25/2022 Rev. 1
More results

Similar Description - P822602.

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
A1004795 KSS-A1004795 Datasheet
2Mb / 22P
Automotive Broadband FR4 Embedded LTE / LPWA Antenna
Rev 0
AP822601 KSS-AP822601 Datasheet
1Mb / 14P
Automotive Universal Broadband FR4 Embedded LTE / LPWA Antenna
Rev 0
logo
Suzhou Maswell Communic...
AN_MASTER_A04B MASWELL-AN_MASTER_A04B Datasheet
224Kb / 3P
Maswell 5G/4G/LTE Built in High Frequency Broadband Antenna
AN_MASTER_VG05A MASWELL-AN_MASTER_VG05A Datasheet
363Kb / 4P
MaswellBuilt-in 5G/4G LTE Ultra broadband Antenna Pocket Edition
logo
AVX Corporation
1004112 AVX-1004112 Datasheet
822Kb / 5P
Broadband External LTE / Cellular Antenna
9/27/2021
1004239-001 AVX-1004239-001 Datasheet
1Mb / 6P
Broadband External LTE MIMO Antenna
9/27/2021
1004795 AVX-1004795 Datasheet
4Mb / 25P
Universal Broadband FR4 Embedded LTE / LPWA Antenna
8/26/2022 Rev. 1
A1004795 AVX-A1004795 Datasheet
2Mb / 22P
Automotive Broadband FR4 Embedded LTE / LPWA Antenna
8/20/2022 Rev 0
AP822601 AVX-AP822601 Datasheet
1Mb / 14P
Automotive Universal Broadband FR4 Embedded LTE / LPWA Antenna
8/19/2022 Rev 0
P822601 AVX-P822601 Datasheet
2Mb / 16P
Universal Broadband FR4 Embedded LTE / LPWA Antenna
8/25/2022 Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com