Electronic Components Datasheet Search
  English  ▼

X  

SS490 Datasheet(PDF) 4 Page - Honeywell Solid State Electronics Center

Part # SS490
Description  Solid State Hall Effect Sensors High Performance Miniature Ratiometric Linear
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

SS490 Datasheet(HTML) 4 Page - Honeywell Solid State Electronics Center

  SS490 Datasheet HTML 1Page - Honeywell Solid State Electronics Center SS490 Datasheet HTML 2Page - Honeywell Solid State Electronics Center SS490 Datasheet HTML 3Page - Honeywell Solid State Electronics Center SS490 Datasheet HTML 4Page - Honeywell Solid State Electronics Center SS490 Datasheet HTML 5Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Solid State Hall Effect Sensors
High Performance Miniature Ratiometric Linear
SS490 Series
Sensing and Control
Honeywell Inc.
11 West Spring Street
Freeport, Illinois 61032
Printed with Soy Ink
on 50% Recycled Paper
005843-1-EN IL50 GLO 999 Printed in USA
ABSOLUTE MAXIMUM RATINGS*
Supply voltage (V
S)
-0.5 to +11 VDC
Output current (mA)
10 mA
Operating temperature
-40
°C to +150°C (-40°F to +302°F)
Storage temperature
-55
°C to +165°C (-67°F to +329°F)
Magnetic flux
No limit. Circuit cannot be damaged by magnetic
over-drive
* Absolute maximum ratings are the extreme limits that the device will
withstand without damage to the device. However, the electrical and
mechanical characteristics are not guaranteed as the maximum limits (above
recommended operating conditions) are approached, nor will the device
necessarily operate at absolute maximum ratings.
NOTICE
Products ordered in bulk
packaging (plastic bags) may
not have perfectly straight
leads as a result of normal
handling and shipping
operations. Please order a
tape packaging option for
applications with critical
requirements for straight
leads.
WARRANTY/REMEDY
Honeywell warrants goods of its
manufacture as being free of
defective materials and faulty
workmanship. Contact your local
sales office for warranty
information. If warranted goods
are returned to Honeywell during
the period of coverage, Honeywell
will repair or replace without
charge those items it finds
defective. The foregoing is
Buyer’s sole remedy and is in lieu
of all other warranties,
expressed or implied, including
those of merchantability and
fitness for a particular purpose.
Specifications may change
without notice. The information we
supply is believed to be accurate
and reliable as of this printing.
However, we assume no
responsibility for its use.
While we provide application
assistance personally, through
our literature and the Honeywell
web site, it is up to the customer
to determine the suitability of the
product in the application.
For application assistance,
current specifications, or name of
the nearest Authorized Distributor,
contact a nearby sales office. Or
call:



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com