Electronic Components Datasheet Search
  English  ▼

X  

PXM034TPE Datasheet(PDF) 3 Page - Bulgin Limited. All rights reserved.

Part # PXM034TPE
Description  6000 Series - Ethernet Buccaneer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGINLIMITED [Bulgin Limited. All rights reserved.]
Direct Link  https://www.bulgin.com/
Logo BULGINLIMITED - Bulgin Limited. All rights reserved.

PXM034TPE Datasheet(HTML) 3 Page - Bulgin Limited. All rights reserved.

  PXM034TPE Datasheet HTML 1Page - Bulgin Limited. All rights reserved. PXM034TPE Datasheet HTML 2Page - Bulgin Limited. All rights reserved. PXM034TPE Datasheet HTML 3Page - Bulgin Limited. All rights reserved. PXM034TPE Datasheet HTML 4Page - Bulgin Limited. All rights reserved. PXM034TPE Datasheet HTML 5Page - Bulgin Limited. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
112 Buccaneer for Data
BUCCANEER FOR DATA
6000 Series - Ethernet Buccaneer
Sealing Caps
Sealing Caps
PXP6083 & PXP6081
Plastic connectors
PXP6081 for cable connectors
PXP6034, PXP6037 & PXP6038
PXP6083 for front panel mount
connectors PXP6033, with 30°
twist lock
Sealing caps to maintain IP
rating when connectors are not
in use
Metal connectors
PXM6081 for cable connectors
PXM6034
PXM6083 for front panel mount
connectors
Sealing caps to maintain IP
rating when connectors are not
in use
PXP6081
PXP6083
PXM6081
PXM6083
14151
14199
14150
Sealing Cap for metal Flex cable connectors
Sealing Cap for metal front panel mounting connector
Hand crimp tooling + die set
PUR Jacket cable - 50m reel
Replacement shielded RJ45
Sealing Cap for plastic Flex cable connectors
Sealing Cap for plastic front panel mounting connector
Part no
Part no
Description
Description
PXM6083 & PXM6081



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com