Electronic Components Datasheet Search
  English  ▼

X  

PCC100 Datasheet(PDF) 1 Page - AF International Headquarters

Part # PCC100
Description  Product Information Sheet
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AF [AF International Headquarters]
Direct Link  https://af-net.com/
Logo AF - AF International Headquarters

PCC100 Datasheet(HTML) 1 Page - AF International Headquarters

  PCC100 Datasheet HTML 1Page - AF International Headquarters  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product Information Sheet
AF International, A division of H K Wentworth, Ashby Park, Coalfield Way, Ashby de la Zouch,
Tel: +44 (0) 1530 419 600 Fax: +44 (0) 1530 416 640
www.af-net.com
Copyright AF International 2016
All information is given in good faith but without warranty. Properties are given as a guide only and should not be taken as a
specification. AF International cannot be held responsible for the performance of its products within any application determined
by the customer, who must satisfy themselves as to the suitability of the product.
PC-Clene
Product code:
PCC100
Description:
Anti - Static Cleaning Wipes
Packaging:
Tub dispenser of 100 pre
saturated wipes
Icons / For use on:
Additional Information
Inner barcode:
5028356500024
Outer barcode:
15028356500021
Unit Dimensions:
16.8 x 0.82 x 0.82cm
Outer dimenions:
17.2 x 33.0 x 25.0cm
Unit weight:
0.300 kg
Outer weight
3.787 kg
Packing Unit
12
CCCN - no:34029010
Key Points:
• Impregnated anti static cleaning wipes suitable for all glass and plastic surfaces of
computer and office equipment
• Re sealable tub to lock in freshness
• Use AF Safetiss to give glass a final polish after cleaning
• Non-flammable, alcohol free


Similar Part No. - PCC100

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
PCC11 HIROSE-PCC11 Datasheet
498Kb / 2P
GRID PATTERN DUAL LINE CONNECTROS
PCC11-100D-2.54DS HIROSE-PCC11-100D-2.54DS Datasheet
498Kb / 2P
GRID PATTERN DUAL LINE CONNECTROS
PCC11-100D-2.54W HIROSE-PCC11-100D-2.54W Datasheet
498Kb / 2P
GRID PATTERN DUAL LINE CONNECTROS
PCC11-56D-2.54DS HIROSE-PCC11-56D-2.54DS Datasheet
498Kb / 2P
GRID PATTERN DUAL LINE CONNECTROS
PCC11-56D-2.54W HIROSE-PCC11-56D-2.54W Datasheet
498Kb / 2P
GRID PATTERN DUAL LINE CONNECTROS
More results

Similar Description - PCC100

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
LTS350Q1-PD1 SAMSUNG-LTS350Q1-PD1 Datasheet
1Mb / 58P
Product Information
logo
Gilway Technical Lamp
GTL-OS-70099 GILWAY-GTL-OS-70099 Datasheet
504Kb / 4P
Product Information Bulletin
logo
List of Unclassifed Man...
833 ETC2-833 Datasheet
150Kb / 2P
Product Information 44
logo
NTE Electronics
WH18-01-25 NTE-WH18-01-25 Datasheet
1Mb / 2P
PRODUCT/APPLICATION INFORMATION
logo
List of Unclassifed Man...
PI3302-00-EVAL1 ETC2-PI3302-00-EVAL1 Datasheet
790Kb / 2P
Product Portfolio Information
logo
Japan Aviation Electron...
SF9 JAE-SF9 Datasheet
165Kb / 4P
COMPONENTS PRODUCT INFORMATION
SF11 JAE-SF11 Datasheet
408Kb / 5P
COMPONENTS PRODUCT INFORMATION
SF50 JAE-SF50 Datasheet
166Kb / 4P
COMPONENTS PRODUCT INFORMATION
logo
Samsung semiconductor
LTN154X3-L01 SAMSUNG-LTN154X3-L01 Datasheet
231Kb / 13P
Product Information
logo
Renesas Technology Corp
UPD78F0949 RENESAS-UPD78F0949 Datasheet
551Kb / 72P
PRELIMINARY PRODUCT INFORMATION
1999
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com